Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5658-S Datasheet(PDF) 2 Page - Micro Commercial Components

Part # 2SC5658-S
Description  NPN General Purpose Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SC5658-S Datasheet(HTML) 2 Page - Micro Commercial Components

  2SC5658-S Datasheet HTML 1Page - Micro Commercial Components 2SC5658-S Datasheet HTML 2Page - Micro Commercial Components 2SC5658-S Datasheet HTML 3Page - Micro Commercial Components 2SC5658-S Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Revision: A
2016/02/18
www.mccsemi.com
2 of
4
0.1
100
100
1000
0.1
100
10
100
0.1
100
10
100
1000
00
8
7
0
1
2
3
4
5
6
7
β=10
I
C
V
BEsat
——
1
10
COLLECTOR CURREMT I
C
(mA)
T
a=100
℃
T
a=25
℃
2000
T
a=100
℃
T
a=25
℃
β=10
I
C
V
CEsat
——
1
10
COLLECTOR CURREMT I
C
(mA)
300
150
I
C
h
FE
——
T
a=100
℃
T
a=25
℃
1
10
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE= 6V
150
150
Static Characteristic
COMMON
EMITTER
T
a=25
℃
20uA
18uA
16uA
14uA
12uA
10uA
8uA
6uA
4uA
I
B=2uA
123
56
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
1
100
10
100
1000
0.0
0.3
0.6
0.9
1.2
1
10
100
I
C
f
T
——
COMMON EMITTER
V
CE=12V
T
a=25
℃
BASE-EMMITER VOLTAGE V
BE (V)
I
C
—— V
BE
COMMON EMITTER
V
CE=6V
150
Micro Commercial Components
M C C
R
10
COLLECTOR CURRENT I
C
(mA)
Typical Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com