Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC807U Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC807U
Description  Dual PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC807U Datasheet(HTML) 2 Page - Micro Commercial Components

  BC807U Datasheet HTML 1Page - Micro Commercial Components BC807U Datasheet HTML 2Page - Micro Commercial Components BC807U Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
Revision: A
2 of
3
2017/06/22
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
C
I =-10µA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
C
I =-10mA, IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
E
I =-10µA, IC=0
-5
V
Collector cut-off current
ICBO
CB
V =-25V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
EB
V =-4V, IC=0
-0.1
µA
hFE(1)
*
CE
V =-1V, IC=-100mA
160
400
DC current gain
hFE(2)
*
VCE=-1V, IC=-500mA
40
Collector-emitter saturation voltage
VCE(sat)
*
C
I =-500mA, IB=-50mA
--0.7
V
Base-emitter saturation voltage
VBE(sat)
*
IC=-500mA, IB=-50mA
--1.2
V
Transition frequency
fT
CE
V =-5V,IC=-50mA,f=20MHz
200
MHz
Collector-base capacitance
Ccb
CB
V =-10V,f=1MHz
10
pF
Emitter-base capacitance
Ceb
EB
V =-0.5V,f=1MHz
60
pF
*Pulse test: pulse width ≤300μs, duty cycle≤ 2.0%.
Micro Commercial Components
M C C
R



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com