Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC847AT Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC847AT
Description  NPN Surface Mount Small Signal Transistor 150mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC847AT Datasheet(HTML) 2 Page - Micro Commercial Components

  BC847AT Datasheet HTML 1Page - Micro Commercial Components BC847AT Datasheet HTML 2Page - Micro Commercial Components BC847AT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
Test Condition
OFF CHARACTERISTICS
hFE
DC Current Gain
(Note 2)
Current Gain A
B
C
110
200
420
---
290
520
222
450
800
---
VCE=5.0V, IC=2.0mA
VCE(SAT)
Collector-Emitter Saturation Voltage
(Note 2)
---
---
250
600
mV
IC=10mA, IB=0.5mA
IC=100mA, IB=5.0mA
VBE(SAT)
Base-Emitter Saturation Voltage
(Note 2)
---
700
900
---
mV
VBE(ON)
Base-Emitter Voltage (Note 2)
580
---
660
---
700
770
mV
VCE=5.0V, IC=2.0mA
VCE=5.0V, IC=10mA
ICBO
ICBO
Collector-Cutoff Current (Note 2)
---
---
---
---
15
5.0
nA
µA
VCB=30V, IE=0
VCB=30V, Tj=125
fT
Gain Bandwidth Product
100
---
---
MHz
VCE=5.0V, IC=10mA,
f=100MHz
CCBO
Collector-Base Capacitance
---
---
4.5
pF
VCB=10V, f=1.0MHz
NF
Noise Figure
BC847BT
BC847CT
---
---
10
4.0
dB
VCE=5V,RS=2.0Kohm,
f=1.0MHz,BW=200HZ
Note: 2. Short duration pulse test used to minimize self-heating effect.
MCC
BC847AT, BT, CT
TM
Micro Commercial Components
www.mccsemi.com
2 of 3
IC=10mA, IB=0.5mA
IC=100mA, IB=5.0mA
Revision: B
2013/01/01



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com