Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856AW Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC856AW
Description  PNP General Purpose Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC856AW Datasheet(HTML) 2 Page - Micro Commercial Components

  BC856AW Datasheet HTML 1Page - Micro Commercial Components BC856AW Datasheet HTML 2Page - Micro Commercial Components BC856AW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BC856
A/BW;BC857A/B/CW;BC858A/B/CW
-0
-10
-0
-1
-2
-3
-4
-5
-6
-0.1
-10
0
3
6
9
12
15
-1
-100
0
100
200
300
400
500
0
25
50
75
100
125
150
0
30
60
90
120
150
180
-0.1
-100
-0
-200
-400
-600
-800
-1000
-0.1
-100
-10
-100
-1000
COMMON
EMITTER
T
a=25
℃
-2
-4
-6
-8
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
-18uA
-16uA
-10uA
-20uA
-14uA
-12uA
-8uA
-6uA
-4uA
I
B=-2uA
-1
-10
COLLECTOR CURRENT I
C
(mA)
P
C
—— T
a
-1
REVERSE BIAS VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
C
ob / Cib
—— V
CB / VEB
V
CE=-5V
-10
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
I
C
h
FE ——
AMBIENT TEMPERATURE T
a
(℃)
V
BEsat ——
I
C
-1
-10
COLLECTOR CURRENT I
C
(mA)
T
a=100
℃
T
a=25
℃
β=20
T
a=25
℃
T
a=100
℃
β=20
V
CEsat ——
I
C
Typical Characteristics
Micro Commercial Components
M C C
TM
Revision:
E
201
5/12/04
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com