Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCW66F Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BCW66F
Description  NPN Small Signal Transistor 200mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BCW66F Datasheet(HTML) 2 Page - Micro Commercial Components

  BCW66F Datasheet HTML 1Page - Micro Commercial Components BCW66F Datasheet HTML 2Page - Micro Commercial Components BCW66F Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
BCW66F
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Min.
TYP.
Max.
Unit
DC Current Gain(1)
at VCE = 10V, IC = 100
µA
hFE
35
–––
at VCE = 1V, IC = 10mA
hFE
75
–––
at VCE = 1V, IC = 100mA
hFE
100
250
–
at VCE = 2V, IC = 500mA
hFE
Collector-Emitter Saturation Voltage
at IC = 100mA, IB = 10mA
VCEsat
–
–
0.3
V
at IC = 500mA, IB = 50mA
VCEsat
–
–
0.7
V
Base-Emitter Saturation Voltage
at IC = 500mA, IB = 50mA
VBEsat
–
–
2
V
Collector-Emitter Breakdown Voltage
at IC = 10mA, IB = 0
V(BR)CEO
45
–
–
V
Collector-Base Breakdown Voltage
at IC = 10
µA, IB = 0
V(BR)CBO
75
–
–
V
Emitter-Base Breakdown Voltage
at IE = 10
µA, IC = 0
V(BR)EBO
5––
V
Collector-Base Cut-off Current
at VCB = 45V, IE = 0
ICBO
–
–
20
nA
Emitter-Base Cut-off Current
at VEB = 4V, IC = 0
IEBO
–
–
20
nA
Gain-Bandwidth Product
at VCE = 10V, IC = 20mA, f = 100MHz
fT
100
–
–
MHZ
Output Capacitance
at VCB = 10V, IE=0,f = 1MHz
Cob
–
–
12
pF
Input Capacitance
at VEB = 0.5V,IE=0, f = 1MHz
Cib
–
–
80
p F
35
Revision: A
2015/03/03
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com