Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7146 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE7146
Description  SPDT Electromechanical Relay Pulse Latching Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7146 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE7146 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE7146 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
SPDT Electromechanical Relay Pulse Latching Switch DC to 18 GHz, SMA, 35 Watts, 175V Indicator, 12V Control with
Indicators from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Pulse Latching Switch DC to 18 GHz, SMA, 35 Watts, 175V
Indicator, 12V Control with Indicators PE7146
URL: http://www.pasternack.com/sma-relay-switch-pe7146-p.aspx
PE7146 REV 1.1
SPDT Electromechanical Relay Pulse Latching
Switch DC to 18 GHz, SMA, 35 Watts,
175V Indicator, 12V Control with Indicators
Electromechanical Relay Switches Technical Data
PE7146



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com