Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4P013LEP Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP4P013LEP
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4P013LEP Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP4P013LEP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4P013LEP Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP4P013LEP
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
4
Q
VG
-4.5V
QGS
QGD
QG
Charge
0.1
1
10
100
1000
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
100us
1ms
10ms
DC
T C =25
o C
Single Pulse
0
2
4
6
8
0
1020
30405060
Q G , Total Gate Charge (nC)
I D = -20A
V DS = -32V
0
2000
4000
6000
8000
1
1121
314151
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0
20
40
60
80
012
345
-V GS , Gate-to-Source Voltage (V)
T j =150
o CT
j =25
o C
V DS = -5V
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + TC
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
Operation in this
area limited by
RDS(ON)
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com