Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RER125N Datasheet(PDF) 1 Page - ebm-papst

Part # RER125N
Description  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RER125N Datasheet(HTML) 1 Page - ebm-papst

  RER125N Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
m3
c
V
V
B
/
W
r
°
H
H
4
2
2
1
t
5
5
-
7
1
5
3
2
1
t
9
6
-
7
1
4
2
4
3
t
5
5
-
7
1
5
3
4
3
8
8
6
-
7
1
116
Air performance measured according to: ISO 5801.
Installation category A, with ebm-papst inlet ring without
contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a distance of 2 m;
Sound pressure level LpA measured at 1 m distance
from fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Salt spray protection
- Degree of protection: IP 54 / IP 68
Max.
166 m3/h
– Material:
Impeller: GRP1)
– Direction of air flow: Axial: Intake,
Centrifugal: Exhaust
– Direction of rotation: Clockwise,
looking towards rotor
– Connection:
via single wires AWG 22, TR 64
– Highlights:
Backward-curved impeller
– Weight:
320 g
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RER 125-19/12 N
110
64.7
12
7...15
5.7
4.6
2 650
-30...+75
62 500 / 27 500
105 000
¿
RER 125-19/14 N
110
64.7
24
12...28
5.7
4.3
2 650
-30...+75
62 500 / 27 500
105 000
¿
RER 125-19/14 NH
166
97.7
24
12...28
7.0
13.0
4 000
-20...+70
55 000 / 27 500
92 500
¡
RER 125-19/18 N
110
64.7
48
36...56
5.7
4.2
2 650
-30...+75
62 500 / 27 500
105 000
¿
Subject to change
The air flow and sound level of the centrifugal fans
without external housing depend on their individual
installation conditions.
The stated air flow and sound level were recorded
under the following measurement parameters:
Centrifugal fan mounted on a foundation plate
220 x 220 mm.
Cover plate 220 x 220 mm, with an air inlet opening
Ø 86 mm, arranged concentrically to the impeller.
Tin-plated
DC centrifugal fans
Ø 138 x 35 mm
Series RER 125 N
Nominal data


Similar Part No. - RER125N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RER125 EBMPAPST-RER125 Datasheet
214Kb / 1P
AC centrifugal fans
RER125-19 EBMPAPST-RER125-19 Datasheet
285Kb / 4P
DC centrifugal compact fan
RER125-19/06 EBMPAPST-RER125-19/06 Datasheet
386Kb / 1P
MOTORIZED IMPELLER
RER125-19/06 EBMPAPST-RER125-19/06 Datasheet
214Kb / 1P
AC centrifugal fans
RER125-19/12N/12 EBMPAPST-RER125-19/12N/12 Datasheet
379Kb / 3P
DC axial fans
More results

Similar Description - RER125N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com