Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG160NTD Datasheet(PDF) 1 Page - ebm-papst

Part # RG160NTD
Description  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RG160NTD Datasheet(HTML) 1 Page - ebm-papst

  RG160NTD Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Air performance measured according to: ISO 5801.
Installation category A, without contact protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m.
Sound pressure level LpA measured at 1 m distance from
fan axis.
The values given are applicable only under the specified
measuring conditions and may differ depending on the
installation conditions.
In the event of deviation from the standard configuration,
the parameters must be checked after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Humidity protection
- Degree of protection: IP 54
Max.
444 m3/h
– Material:
Scroll housing: GRP1)
Impeller: GRP1)
Base plate: Sheet steel
– Direction of air flow: Axial: Intake,
Centrifugal: Exhaust
– Connection:
Via single wires AWG 22, TR 64
48 V model: Flat plug
6.3 x 0.8 mm for ground
conductor
– Highlights:
Smoothly operating 3-phase
fan drive
Backward-curved impeller
– Weight:
1.4 kg
1) Fiberglass-reinforced plastic
Type
m3/h
cfm
VDC
VDC
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RG 160-28/14 NTD...
59
34.7
24
16...28
—
2.0
800
-20...+60
55 000 / 35 000
92 500
¿
308
181
7.5
64
4 200
¡
RG 160-28/14 NTD
308
181
24
16...28
7.5
64
4 200
-20...+60
55 000 / 35 000
92 500
¡
RG 160-28/14 NTDH
370
218
24
16...28
7.8
101
5 000
-20...+60
50 000 / 32 500
85 000
¬
RG 160-28/18 NTD...
59
34.7
48
38...57
—
2.0
800
-20...+70
55 000 / 27 500
92 500
¿
308
181
7.5
59
4 200
¡
RG 160-28/18 N/2 TDHHP*
444
261
48
36...60
8.5
159
6 000
-20...+65
40 000 / 22 500
67 500
√
Subject to change
Models RG 160-28/14 NTD... and RG 160-28/18 NTD... are available in customer-specific, custom-developed variants only.
The figures indicated are technically feasible benchmark values.
The fans can be specially adapted to your application with signal outputs and control inputs.
*The specific service life is valid when an external capacitor is wired between the positive and negative wires.
Please note the wiring suggestion.
Min.
Max.
Min.
Max.
Tin-pla
ted
105
m3
c
V
V
B
/
W
r
°
H
H
DC centrifugal fans
 220 x 56 mm
Series RG 160 NTD
Nominal data


Similar Part No. - RG160NTD

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RG160NTD EBMPAPST-RG160NTD Datasheet
704Kb / 3P
DC axial fans
RG160NTD EBMPAPST-RG160NTD Datasheet
430Kb / 3P
DC axial fans
RG160NTD EBMPAPST-RG160NTD Datasheet
505Kb / 3P
DC axial fans
RG160NTD EBMPAPST-RG160NTD Datasheet
426Kb / 3P
DC diagonal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
More results

Similar Description - RG160NTD

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RER175TD EBMPAPST-RER175TD_16 Datasheet
228Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
RL90N EBMPAPST-RL90N Datasheet
113Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com