Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL90N Datasheet(PDF) 1 Page - ebm-papst

Part # RL90N
Description  DC centrifugal fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

RL90N Datasheet(HTML) 1 Page - ebm-papst

  RL90N Datasheet HTML 1Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Type
m3/h
cfm
VDC
VDC
Bel(A)
/
Watts
rpm-1
°C
Hours
Hours
RL 90-18/12 N
40
23.5
12
7...15
5.8
6.3
2 500
-30...+75
62 500 / 27 500
105 000
¿
RL 90-18/14 NG
40
23.5
24
12...28
5.8
5.6
2 500
-20...+75
62 500 / 27 500
105 000
¿
RL 90-18/14 N
40
23.5
24
12...28
5.8
5.6
2 500
-30...+75
62 500 / 27 500
105 000
¿
RL 90-18/18 NH
55
32.4
48
36...53
6.9
14.7
3 500
-30...+65
32 500 / 17 500
55 000
¡
Subject to change
99
– Possible special versions:
(See chapter DC fans - specials)
- Speed signal
- Go / NoGo alarm
- Alarm with speed limit
- External temperature sensor
- Internal temperature sensor
- PWM control input
- Analog control input
- Moisture protection
- Salt spray protection
- Degree of protection:IP 54 / IP 68
Max.
55 m3/h
– Material:
Scroll housing: GRP1)
Impeller: GRP1)
Base plate: Sheet steel
– Direction of air flow: Axial: Intake,
Centrifugal: Exhaust
– Connection:
via single wires AWG 22, TR 64
– Highlights:
Forward-curved impeller
– Weight:
420 g
1) Fiberglass-reinforced plastic
15,5
30
2
26,5
37,3
60,3
3,5
4,2
100,8
112,7
120,6
0,3
_
+
+
0,2
+
+
0,2
+
+
0,4
+
+
45
0,7
+
+
*Federmutter M4 oder 8-32UNC. Einschraubtiefe max.12,5 min.9,0
Tin-plated
Air performance measured according to:
ISO 5801.
Installation category A, without contact
protection.
Noise: Total sound power level LWA ISO 103002
measured on a hemisphere with a radius of 2 m;
Sound pressure level LpA measured at 1 m
distance from fan axis.
The acoustic values are only valid for the
described measurement setup and may vary
depending on the installation situation.
In the event of deviation from the standard
configuration, the parameters must be checked
after installation!
For detailed information see
http://www.ebmpapst.com/general conditions
DC centrifugal fans
 121 x 37 mm
Series RL 90 N
Nominal data
Screw clip M4 or 8-32UNC. Screw-in depth max. 12.5 min. 9.0


Similar Part No. - RL90N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RL90N EBMPAPST-RL90N Datasheet
704Kb / 3P
DC axial fans
RL90N EBMPAPST-RL90N Datasheet
430Kb / 3P
DC axial fans
RL90N EBMPAPST-RL90N Datasheet
505Kb / 3P
DC axial fans
RL90N EBMPAPST-RL90N Datasheet
426Kb / 3P
DC diagonal fans
More results

Similar Description - RL90N

ManufacturerPart #DatasheetDescription
logo
ebm-papst
RLF100-1112 EBMPAPST-RLF100-1112 Datasheet
159Kb / 1P
DC centrifugal fans
RL48-1912ML EBMPAPST-RL48-1912ML Datasheet
429Kb / 3P
DC centrifugal fans
RG160-2812NM EBMPAPST-RG160-2812NM Datasheet
404Kb / 3P
DC centrifugal fans
RG125-1912NM EBMPAPST-RG125-1912NM Datasheet
349Kb / 3P
DC centrifugal fans
RER175TDU EBMPAPST-RER175TDU Datasheet
459Kb / 1P
DC centrifugal fans
RER133TD EBMPAPST-RER133TD Datasheet
230Kb / 1P
DC centrifugal fans
RER160NTDU EBMPAPST-RER160NTDU Datasheet
366Kb / 1P
DC centrifugal fans
RER175TD EBMPAPST-RER175TD_16 Datasheet
228Kb / 1P
DC centrifugal fans
RG160NTD EBMPAPST-RG160NTD Datasheet
166Kb / 1P
DC centrifugal fans
RG160NTDU EBMPAPST-RG160NTDU Datasheet
349Kb / 1P
DC centrifugal fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com