Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4259S Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH4259S
Description  High Power Infrared Emitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4259S Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH4259S Datasheet HTML 2Page - OSRAM GmbH SFH4259S Datasheet HTML 3Page - OSRAM GmbH SFH4259S Datasheet HTML 4Page - OSRAM GmbH SFH4259S Datasheet HTML 5Page - OSRAM GmbH SFH4259S Datasheet HTML 6Page - OSRAM GmbH SFH4259S Datasheet HTML 7Page - OSRAM GmbH SFH4259S Datasheet HTML 8Page - OSRAM GmbH SFH4259S Datasheet HTML 9Page - OSRAM GmbH SFH4259S Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2016-01-31
6
Version 1.4 / acc. to OS-PCN-2015-025-A
SFH 4259S
Pinning
Pin
Description
1
Cathode
2
Anode
3
Anode
4
Anode
Package
Power TOPLED with Lens
Approximate Weight:
35 mg
Recommended Solder Pad
Reflow Soldering
Dimensions in mm (inch).
OHFP3021
Padgeometrie für
verbesserte Wärmeableitung
improved heat dissipation
Paddesign for
Lötstoplack
Solder resist
0.8 (0.031)
2.3 (0.091)
3.3 (0.130)
Cu Fläche /
16 mm per pad
2
Cu-area
_
<
3.3 (0.130)
0.7 (0.028)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com