Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4350 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4350
Description  High Power Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4350 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4350 Datasheet HTML 1Page - OSRAM GmbH SFH4350 Datasheet HTML 2Page - OSRAM GmbH SFH4350 Datasheet HTML 3Page - OSRAM GmbH SFH4350 Datasheet HTML 4Page - OSRAM GmbH SFH4350 Datasheet HTML 5Page - OSRAM GmbH SFH4350 Datasheet HTML 6Page - OSRAM GmbH SFH4350 Datasheet HTML 7Page - OSRAM GmbH SFH4350 Datasheet HTML 8Page - OSRAM GmbH SFH4350 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Version 1.5
SFH 4350
2016-09-23
3
Grouping (TA = 25 °C)
Group
Min Radiant Intensity
Max Radiant Intensity
Typ Radiant Intensity
I
F= 100 mA, tp= 20 ms
I
F= 100 mA, tp= 20 ms
I
F = 1 A, tp = 25 µs
I
e, min [mW / sr]
I
e, max [mW / sr]
I
e, typ [mW / sr]
SFH 4350-V
63
125
750
SFH 4350-AW
100
200
1200
SFH 4350-BW
160
320
1900
SFH 4350-CW
250
500
3000
Note:
measured at a solid angle of Ω = 0.01 sr
Only one group in one packing unit (variation lower 2:1).
Relative Spectral Emission 2) page 8
Irel = f(λ), TA = 25°C
Radiant Intensity 2) page 8
Ie / Ie(100 mA) = f(IF), single pulse, tp = 25 µs,
TA= 25°C
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHL01715
10
-3
mA
10
1
0
10
5
5
10
-1
-2
5
10
e
e (100 mA)
I
I
I
F
0
10
1
10
2
10
3
10
5
5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com