Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBT2907AT Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBT2907AT
Description  PNP General Purpose Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBT2907AT Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBT2907AT Datasheet HTML 1Page - Micro Commercial Components MMBT2907AT Datasheet HTML 2Page - Micro Commercial Components MMBT2907AT Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT2907AT
PNP General
Purpose Amplifier
Features
Capable of 150mWatts of Power Dissipation
Operating and Storage Junction Temperatures -55
to 150
Collector Current: -0.6A
Electrical Characteristics @ 25 C Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=-10mAdc, IB=0)
-60
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-10 Adc, IE=0)
-60
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-10 Adc, IC=0)
-5.0
Vdc
ICBO
Collector Cut-off Current
(VCB=-50Vdc, IE=0)
-10
nAdc
IEBO
Emitter Cut-off Current
(VEB=-4Vdc, IC=0)
-10
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain*
(IC=-0.1mAdc, VCE=-10Vdc)
(IC=-1.0mAdc, VCE=-10Vdc)
(IC=-10mAdc, VCE=-10Vdc)
(IC=-150mAdc, VCE=-10Vdc)
(IC=-500mAdc, VCE=-10Vdc)
75
100
100
100
50
300
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc)
(IC=-500mAdc, IB=-50mAdc)
-0.4
-1.6
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-150mAdc, IB=-15mAdc)
(IC=-500mAdc, IB=-50mAdc)
-1.3
-2.6
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Current Gain-Bandwidth Product
(IC=-2mAdc, VCE=-12Vdc, f=30MHz)
140(Typ.)
MHz
Ccbo
Output Capacitance
(VCB=-12Vdc, IE=0, f=100kHz)
5.0
pF
SWITCHING CHARACTERISTICS
Ton
Turn-on Time
45
ns
td
Delay Time
10
ns
tr
Rise Time
(VCC=-30Vdc, IC=-150mAdc,
IB1=-15mAdc)
40
ns
toff
Turn-off Time
100
ns
ts
Storage Time
80
ns
tf
Fall Time
(VCC=-6Vdc, IC=-150mAdc
IB1=IB2=-15mAdc)
30
ns
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
B
20
13/01/01
SOT-523
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.059
.067
1.50
1.70
B
.030
.033
0.75
0.85
C
.057
.069
1.45
1.75
D
.020 Nominal
0.50Nominal
E
.035
.043
0.90
1.10
G
.000
.004
.000
.100
H
.028
.031
.70
0.80
J
.004
.008
.100
.200
K
.010
.014
.25
.35
A
C
B
D
E
G
H
J
DIMENSIONS
K
TM
Micro Commercial Components
E
B
C
Marking:2F
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
www.mccsemi.com
1 of 3
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMBT2907AT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
54Kb / 3P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 2 - 2
logo
Weitron Technology
MMBT2907AT WEITRON-MMBT2907AT Datasheet
101Kb / 5P
PNP General Purpose Transistors
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
353Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
logo
Micro Commercial Compon...
MMBT2907AT MCC-MMBT2907AT Datasheet
99Kb / 3P
NPN General Purpose Amplifier
logo
Diodes Incorporated
MMBT2907AT DIODES-MMBT2907AT Datasheet
187Kb / 4P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
More results

Similar Description - MMBT2907AT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
PNP General Purpose Amplifier
2N4403 FAIRCHILD-2N4403 Datasheet
42Kb / 7P
PNP General Purpose Amplifier
BC212L FAIRCHILD-BC212L Datasheet
313Kb / 7P
PNP General Purpose Amplifier
BSR16 FAIRCHILD-BSR16 Datasheet
47Kb / 4P
PNP General Purpose Amplifier
BSR18A FAIRCHILD-BSR18A Datasheet
74Kb / 6P
PNP General Purpose Amplifier
FSB6726 FAIRCHILD-FSB6726 Datasheet
23Kb / 3P
PNP General Purpose Amplifier
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
PNP General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com