Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC863 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC863
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC863 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC863 Datasheet HTML 1Page - Micrel Semiconductor MIC863 Datasheet HTML 2Page - Micrel Semiconductor MIC863 Datasheet HTML 3Page - Micrel Semiconductor MIC863 Datasheet HTML 4Page - Micrel Semiconductor MIC863 Datasheet HTML 5Page - Micrel Semiconductor MIC863 Datasheet HTML 6Page - Micrel Semiconductor MIC863 Datasheet HTML 7Page - Micrel Semiconductor MIC863 Datasheet HTML 8Page - Micrel Semiconductor MIC863 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2005
1
MIC863
MIC863
Micrel
MIC863
Dual Ultra Low Power Op Amp in SOT23-8
Final Information
General Description
The MIC863 is a dual low power operational amplifier in
SOT23-8 package. It is designed to operate in the 2V to 5V
range, rail-to-rail output, with input common-mode to ground.
The MIC863 provides 450kHz gain-bandwidth product while
consuming only a 4.2µA supply current.
With low supply voltage and SOT23-8 packaging, MIC863
provides two channels as general-purpose amplifiers for
portable and battery-powered applications. Its package pro-
vides the maximum performance available while maintaining
an extremely slim form factor. The minimal power consump-
tion of this IC maximizes the battery life potential.
Typical Application
50Ω
0.1µF
10µF
100pF
510Ω
1
/2MIC863
1
/2MIC863
VOUT
V+
RF
Peak Detector Circuit for AM Radio
Features
• SOT23-8 packaging
• 450kHz gain-bandwidth product
• 800kHz, –3dB bandwidth
• 4.2µA supply current/channel
• Rail-to-rail output
• Ground sensing at input (common mode to GND)
• Drives large capactive loads (0.02µF)
• Unity gain stable
Applications
• Portable equipment
• Medical instrument
• PDAs
• Pagers
• Cordless phones
• Consumer electronics
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Standard
Marking
Pb-Free
Marking
Ambient Temp. Range
Package
MIC863BM8
A35
MIC863YM8
A35
–40°C to +85°C
SOT23-8


Similar Part No. - MIC863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC863 MICREL-MIC863 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
logo
Microchip Technology
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
logo
Micrel Semiconductor
MIC863BM8 MICREL-MIC863BM8 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863YM8 MICREL-MIC863YM8 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
More results

Similar Description - MIC863

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC862 MICREL-MIC862 Datasheet
322Kb / 12P
DUAL ULTRA LOW POWER OP AMP IN SOT 23-8
MIC862 MICREL-MIC862_06 Datasheet
2Mb / 12P
Dual Ultra Low Power Op Amp in SOT23-8
MIC911 MICREL-MIC911_07 Datasheet
561Kb / 13P
105MHz Low-Power SOT23-5 Op Amp
MIC912 MICREL-MIC912_07 Datasheet
1Mb / 12P
200MHz Low-Power SOT23-5 Op Amp
MIC914 MICREL-MIC914_07 Datasheet
463Kb / 13P
160MHz Low-Power SOT23-5 Op Amp
MIC863 MICREL-MIC863_11 Datasheet
1Mb / 16P
Dual Ultra Low Power Op Amp in SOT23-8
MIC863 MICREL-MIC863_14 Datasheet
2Mb / 17P
Duaal Ultra-Low Power Op Amp in SOT-23-8
MIC862 MICREL-MIC862_14 Datasheet
1Mb / 14P
Dual Ultra-Low-Power Op Amp in SOT23-8
logo
Microchip Technology
MIC862 MICROCHIP-MIC862 Datasheet
968Kb / 24P
Dual Ultra-Low Power Op Amp in SOT-23-8
11/07/16
MIC863 MICROCHIP-MIC863 Datasheet
3Mb / 26P
Dual Ultra-Low Power Op Amp in SOT-23-8
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com