Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA28 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MMBTA28
Description  NPN Surface Mount Darlington Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTA28 Datasheet(HTML) 2 Page - Micro Commercial Components

  MMBTA28 Datasheet HTML 1Page - Micro Commercial Components MMBTA28 Datasheet HTML 2Page - Micro Commercial Components MMBTA28 Datasheet HTML 3Page - Micro Commercial Components MMBTA28 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
f=1MHz
I =0 /I =0
T =25
C
C
COMMON
EMITTER
T =25
a
I
B=0.4uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic
02
46
8
10
0
50
100
150
200
250
4.0uA
3.6uA
3.2uA
2.8uA
1.6uA
2.4uA
2.0uA
1.2uA
0.8uA
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
500
500
COLLECTOR CURRENT I
C
(mA)
V
CE= 5V
T
a=100
oC
110
100
10
100
1000
β=1000
I
C
V
BEsat
——
500
1
10
100
0.5
1.0
1.5
2.0
T
a=25
o
C
T
a=100
OC
β=1000
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
110
100
0
200
400
600
800
1000
1200
T
a=100
o
C
T
a=25
oC
T
a=100
oC
BASE-EMITTER VOLTAGE
V
BE(V)
I
C
——
V
BE
20
T
a=25
oC
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
100
200
300
400
500
V
CE=5V
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
110
0
3
6
9
12
15
C
ib
C
ob
Micro Commercial Components
M C C
TM
MMBTA28
Revision: A
2015/03/18
www.mccsemi.com
2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com