Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42NM1H229 Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTL-R42NM1H229
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42NM1H229 Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTL-R42NM1H229 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42NM1H229 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
3/9
Part No. : LTL-R42NM1H229
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42NM1H229
3. Absolute Maximum Ratings at TA=25°C
Parameter
Green (Yellow Green)
Yellow
Unit
Power Dissipation
52
52
mW
Peak Forward Current
(Duty Cycle≦1/10, Pulse Width≦0.1ms)
60
60
mA
DC Forward Current
20
20
mA
Operating Temperature Range
-30°C to + 85°C
Storage Temperature Range
-40°C to + 100°C
Lead Soldering Temperature
[2.0mm (.079") From Body]
260°C for 5 Seconds Max.
4. Electrical / Optical Characteristics at TA=25°C
Parameter
Symbol
Color
Min.
Typ.
Max.
Unit Test Condition
Luminous Intensity
IV
Yellow
3.8
11
30
mcd
IF=10mA
Note 1,4
Green
8.7
19
50
Viewing Angle
2θ1/2
Yellow
100
100
deg
Note 2 (Fig.6)
Green
Peak Emission Wavelength
λP
Yellow
591
nm
Measurement
@Peak (Fig.1)
Green
572
Dominant Wavelength
λd
Yellow
584
589
594
nm
IF=10mA, Note 3
Green
566
569
574
Spectral Line Half-Width
Δλ
Yellow
15
nm
Green
15
Forward Voltage
VF
Yellow
2.0
2.5
V
IF=10mA
Green
2.0
2.5
Reverse Current
IR
Yellow
100
μA
VR=5V, Note 5
Green
NOTE:
1. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE eye-response curve.
2. θ1/2 is the off-axis angle at which the luminous intensity is half the axial luminous intensity.
3
. The dominant wavelength, λd is derived from the CIE chromaticity diagram and represents the single wavelength which defines
the color of the device.
4. Iv guarantee must be included with ±15% testing tolerance.
5. Reverse voltage (VR) condition is applied for IR test only. The device is not designed for reverse operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com