Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTL-R42TBN4D2H229 Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTL-R42TBN4D2H229
Description  Through Hole Lamp
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTL-R42TBN4D2H229 Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTL-R42TBN4D2H229 Datasheet HTML 1Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 2Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 3Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 4Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 5Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 6Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 7Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 8Page - Lite-On Technology Corporation LTL-R42TBN4D2H229 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2/9
Part No. : LTL-R42TBN4D2H229
BNS-OD-FC002/A4
Through Hole Lamp
LTL-R42TBN4D2H229
1. Description
CBI (Circuit Board Indicator) is a black plastic right angle Holder (Housing) which mates with Lite-On LED lamps. Lite-On CBI is
available in a wide variety of packages, including top-view (Spacer) or right angle and horizontal or vertical arrays which is
stackable and easy to assembly.
1. 1. Features
Designed for ease in circuit board assembly.
Black case enhance contrast ratio.
Low halogen.
I.C compatible/Low current requirement.
White diffused lens.
Low power consumption & High efficiency.
T-1 lamp: Source color is InGaN blue 470nm chip.
1.2. Applications
Computer.
Communication.
Consumer.
Industrial.
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010") unless otherwise noted.
3. The Holder (Housing) material is plastic black.
4. LED1 and LED2 are blue color with white diffused lens.
5.
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com