Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRF3W-R02GW Datasheet(PDF) 1 Page - TT Electronics.

Part # LRF3W-R02GW
Description  Low Value 3W Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRF3W-R02GW Datasheet(HTML) 1 Page - TT Electronics.

  LRF3W-R02GW Datasheet HTML 1Page - TT Electronics. LRF3W-R02GW Datasheet HTML 2Page - TT Electronics. LRF3W-R02GW Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Value 3W Chip Resistors
LRF3W Series
3W in 1225 package
Resistancerangefrom0.003to0.1Ω
Tolerances to ±1%
AEC-Q200Qualified
Lowthermalimpedance
Wideterminationsenhancerobustness
RoHScompliantandSnPbvariants
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.5
± 0.38mm
3.25
± 0.25mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25°
70°
150°
Temperature in °C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.5
± 0.38mm
3.25
± 0.25mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25°
70°
150°
Temperature in °C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
LRF3W
Power rating @70°C
watts
3
Resistance range1
ohms
R003 to R10
Resistance tolerance
%
<R004: 5, ≥R004: 1, 2, 5
TCR
ppm/°C
<R004: ±550, ≥R004: ±100
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Pad / trace area3
mm2
500
Recommended Solder Pad Dimensions
with example Kelvin PCB traces
7.6 mm
1 mm
2 mm
Sense Tracks: V+
V-
Current Track: I
Current Track: I
Recommended Solder Pad Dimensions
with example Kelvin PCB traces
Top
Bottom
(Board Side)
Note 1: Contact factory for values outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also available.
Note 3: Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.5
± 0.38mm
3.25
± 0.25mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25°
70°
150°
Temperature in °C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
Resistors
AllPb-freepartscomplywithEUDirective2011/65/EU(RoHS2)
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn


Similar Part No. - LRF3W-R02GW

ManufacturerPart #DatasheetDescription
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
More results

Similar Description - LRF3W-R02GW

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
Low Value Chip Resistors
logo
List of Unclassifed Man...
LRF3W-R10JW ETC2-LRF3W-R10JW Datasheet
501Kb / 4P
Low Value 3W Chip Resistors
logo
TT Electronics.
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
LOW Value 3W Chip Resistors
logo
Bourns Electronic Solut...
CRL BOURNS-CRL Datasheet
225Kb / 3P
Low Value Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com