Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRF3W-R02FPB Datasheet(PDF) 3 Page - TT Electronics.

Part # LRF3W-R02FPB
Description  Low Value 3W Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

LRF3W-R02FPB Datasheet(HTML) 3 Page - TT Electronics.

  LRF3W-R02FPB Datasheet HTML 1Page - TT Electronics. LRF3W-R02FPB Datasheet HTML 2Page - TT Electronics. LRF3W-R02FPB Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Low Value 3W
Chip Resistors
LRF3W Series
Pulse Power Data
1
10
100
0.01
0.1
1
10
Pulse Duration(s)
Pulse Power
Type
LRF3W
R005
G
W
Resistance value
(IEC62 code)
Tolerance
(IEC62 code)
Packing
Low Value 3W
Chip Resistors
LRF3W Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Welwyn Components
86
F
1%
G
2%
J
5%
Ordering Procedure
Specify type reference, value, tolerance and packing as shown in this example of LRF3W 5m
• 2% on a reel of 1800 pieces:
W
Tape
LRF3W
1800/reel
Standard
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: LRF3W-R02FW (20 milliohms ±1%, Pb-free)
L R F
3 W -
R 0
2
F W
1
2
3
4
USA (IRC) Part Number: LRC-LRF3WLF-01-R020-F (20 milliohms ±1%, Pb-free)
L R C
-
L R F
3 W L F
-
0
1
-
R 0
2
0
-
F
1
2
3
4
5
6
Electrical Data
LRF3W
Power rating @70°C
watts
3
Resistance range1
ohms
R003 to R10
Resistance tolerance
%
<R004: 5, ≥R004: 1, 2, 5
TCR
ppm/°C
<R004: ±550, ≥R004: ±100
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Pad / trace area3
mm2
500
Note 1: Contact factory for values outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also available. Note 3:
Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB
1
2
3
4
Type
Value
Tolerance
Termination & Packing
LRF3W E24 = 3/4
characters
R = ohms
F = ±1%
W
Pb-free, standard packing
G = ±2% PB
SnPb finish, standard packing
J = ±5%
Standard packing is tape & reel, 1800/reel
1
2
3
4
5
6
Family Model Termination
TCR
Value
Tolerance
LRC
LRF3W Omit for SnPb 01 = ±100ppm/°C 4 characters
R = ohms
F = ±1%
LF = Pb-free
G = ±2%
J = ±5%
11.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com