Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPI110C Datasheet(PDF) 3 Page - TT Electronics.

Part # OPI110C
Description  Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI110C Datasheet(HTML) 3 Page - TT Electronics.

  OPI110C Datasheet HTML 1Page - TT Electronics. OPI110C Datasheet HTML 2Page - TT Electronics. OPI110C Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Optically Coupled Isolator
OPI110, OPI1264 Series
© TT electronics plc
Issue C
11/2017
Page 3
TT Electronics | OPTEK Technology
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Notes:
(1)
Measured with input and output leads shorted. Typical input/output capacitance is 0.06 pF.
Electrical Characteristics
(TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP265 for additional information - for reference only)
VF
Forward Voltage
-
-
1.6
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Photosensor (See OP505 for additional information - for reference only)
V(BR)CEO
Collector-Emitter Breakdown Voltage
OPI110, OPI1264
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
OPI110
OPI1264
5
-
-
-
-
-
V
IE = 100 µA, IF = 0
IE = 100 µA
ICEO
Collector-Emitter Dark Current
OPI110, OPI1264
-
-
100
nA
VCE = 15 V, EE = 0
Coupled
IC(ON)
Coupled “ON” Current
OPI110, OPI1264
1.25
-
44
mA
IF = 10mA
VCE = 5V
IC/IF
DC Current Transfer Ratio
OPI110, OPI1264
OPI110A, OPI1264A
OPI110B, OPI1264B
OPI110C, OPI1264C
12.5
25.0
50.0
100.0
-
-
-
-
-
-
125
-
%
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
IF = 10 mA, VCE = 5 V
VCE(SAT)
Collector Saturation Voltage
OPI110, OPI1264
-
-
0.4
V
IF = 10 mA, IC = 1.6 mA
ICEO
Collector-Emitter Dark Current
OPI110, OPI1264
-
-
200
nA
VCE = 20 V, IF = 0
VISO
Isolation Voltage
15
-
-
kVDC
See Note 1.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com