Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 2 Page - TT Electronics.

Part # SC3
Description  High Power Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SC3 Datasheet(HTML) 2 Page - TT Electronics.

  SC3 Datasheet HTML 1Page - TT Electronics. SC3 Datasheet HTML 2Page - TT Electronics. SC3 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Power
Chip Resistors
SC3 Series
High Power
Chip Resistors
SC3 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue A · 03.02
Welwyn Components
Performance Data
Temperature Rise vs Pad Area
Construction
Resistive thick film material, overglaze and organic protection
are screen printed on a 96% alumina substrate. The
components are laser trimmed to achieve the required
resistance tolerance.
Terminations
The wrap-around copper terminations have an electroplated
nickel barrier and tin-lead solder coating, this ensures
excellent ‘leach’ resistance properties and solderability.
Chips can withstand immersion in solder at 250˚C for 90
seconds and are suitable for reflow or wave soldering
mounting applications.
Marking
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Chips are packed and mounted with marking side up.
The SC3 Chips are mounted with the actual resistor element
mounted face down on its termination pads.
1000
100
10
100mm2
300mm2
1000mm2
Termination Pad Area (each end)
1 watt
2 watt
3 watt
Pulse Power Rating
100
10
1
0
.
0
1
0
.
1
1
.
0
Time (sec)
The wrap-around terminations have an electroplated nickel
barrier and matte tin finish. This ensures
excellent ‘leach’ resistance properties and solderability.
04.10
AEC-Q200 Table 7
Method
Max.+0.01
Typ.
ref
Test
3
High Temp. Exposure
MIL-STD-202 Method 108
R%
0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R%
0.25
0.1
6
Moisture Resistance
MIL-STD-202 Method 106
R%
0.5
0.2
7
Biased Humidity
MIL-STD-202 Method 103
R%
0.5
0.1
8
Operational Life (Cyclic Load)
MIL-STD-202 Method 108
R%
1.0
0.5
14
Vibration
MIL-STD-202 Method 204
R%
0.25
0.05
15
Resistance to Soldering Heat
MIL-STD-202 Method 210
R%
0.25
0.05
16
Thermal Shock
MIL-STD-202 Method 107
R%
0.5
0.2
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R%
0.25
0.05
22
Terminal Strength
AEC-Q200-006
R%
0.25
0.05
Short Term Overload
6.25 x Pr for 2s
R%
0.5
Low Temperature Storage
Low Temperature Operation
-65°C for 100 hours
R%
R%
R%
0.5
Shelf Life Test
Room temp for 12 months
-65°C for 1 hour then Pr for 45 minutes
0.5
0.1
Leach Resistance
Solder dip at 250°C
90s minimum
09.17
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronics.com/resistors
BI Technologies IRC Welwyn



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com