Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC512 Datasheet(PDF) 23 Page - Microchip Technology

Part # 24LC512
Description  512K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC512 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 24LC512 Datasheet HTML 18Page - Microchip Technology 24LC512 Datasheet HTML 19Page - Microchip Technology 24LC512 Datasheet HTML 20Page - Microchip Technology 24LC512 Datasheet HTML 21Page - Microchip Technology 24LC512 Datasheet HTML 22Page - Microchip Technology 24LC512 Datasheet HTML 23Page - Microchip Technology 24LC512 Datasheet HTML 24Page - Microchip Technology 24LC512 Datasheet HTML 25Page - Microchip Technology 24LC512 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2004 Microchip Technology Inc.
DS21754E-page 23
24AA512/24LC512/24FC512
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA512:
512 Kbit 1.8V I2C Serial
EEPROM
24AA512T:
512 Kbit 1.8V I2C Serial
EEPROM (Tape and Reel)
24LC512:
512 Kbit 2.5V I2C Serial
EEPROM
24LC512T:
512 Kbit 2.5V I2C Serial
EEPROM (Tape and Reel)
24FC512:
512 Kbit 1 MHz I2C Serial
EEPROM
24FC512T:
512 Kbit 1 MHz I2C Serial
EEPROM (Tape and Reel)
Temperature
Range:
I=
-40
°C to +85°C
E=
-40
°C to +125°C
Package:
P
= Plastic DIP (300 mil body), 8-lead
SM
= Plastic SOIC (208 mil body), 8-lead
ST14 = Plastic TSSOP (4.4 mm), 14-lead
MF
= Micro Lead Frame (6x5 mm body),
8-lead
Lead Finish
Blank = Standard 63%/37% Sn/Pb
G
= Pb-free (Pure Matte Sn)
Examples:
a)
24AA512-I/P:
Industrial Temp.,
1.8V, PDIP package.
b)
24AA512T-I/SM: Tape and Reel,
Industrial Temp., 1.8V, SOIC
package.
c)
24AA512-I/ST14: Industrial Temp.,
1.8V, 14-lead, TSSOP package.
d)
24AA512-I/MF:
Industrial Temp.,
1.8V, DFN package.
e)
24LC512-E/P:
Extended Temp.,
2.5V, PDIP package.
f)
24LC512-I/SM:
Industrial Temp.,
2.5V, SOIC package.
g)
24LC512T-I/SM: Tape and Reel,
Industrial Temp., 2.5V, SOIC
package.
h)
24LC512-I/MF:
Industrial Temp.,
2.5V, DFN package.
i)
24FC512-I/P:
Industrial Temp.,
2.5V, High Speed, PDIP package.
j)
24FC512-I/SM:
Industrial Temp.,
2.5V, High Speed, SOIC package.
k)
24FC512T-I/SM: Tape and Reel,
Industrial Temp., 2.5V, High Speed,
SOIC package
l)
24LC512T-I/SM: Industrial Temp.,
2.5V, SOIC package, Tape & Reel,
Pb-free
m) 24LC512-I/PG:
Industrial Temp.,
2.5V, PDIP package, Pb-free
X
Lead
Finish



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com