Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4841 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH4841
Description  Infrared Emitter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4841 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH4841 Datasheet HTML 1Page - OSRAM GmbH SFH4841 Datasheet HTML 2Page - OSRAM GmbH SFH4841 Datasheet HTML 3Page - OSRAM GmbH SFH4841 Datasheet HTML 4Page - OSRAM GmbH SFH4841 Datasheet HTML 5Page - OSRAM GmbH SFH4841 Datasheet HTML 6Page - OSRAM GmbH SFH4841 Datasheet HTML 7Page - OSRAM GmbH SFH4841 Datasheet HTML 8Page - OSRAM GmbH SFH4841 Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2016-09-27
2
Version 1.3
SFH 4841
Maximum Ratings (TA = 25 °C)
Characteristics (TA = 25 °C)
Parameter
Symbol
Values
Unit
Operation and storage temperature range
T
op; Tstg
-40 ... 100
°C
Reverse voltage
V
R
5
V
Forward current
I
F
100
mA
Surge current
(t
p ≤ 250 µs, D = 0)
I
FSM
1
A
Power consumption
Ptot
190
mW
Thermal resistance junction - ambient
RthJA
500
K / W
Thermal resistance junction - case
RthJC
350
K / W
ESD withstand voltage
(acc. to ANSI/ ESDA/ JEDEC JS-001 - HBM)
VESD
2
kV
Parameter
Symbol
Values
Unit
Peak wavelength
(I
F = 100 mA, tp = 20 ms)
(typ)
λ
peak
950
nm
Centroid wavelength
(IF = 100 mA, tp = 20 ms)
(typ)
λ
centroid
940
nm
Spectral bandwidth at 50% of Imax
(IF = 100 mA, tp = 20 ms)
(typ)
∆λ
42
nm
Half angle
(typ)
ϕ
± 32
°
Dimensions of active chip area
(typ)
L x W
0.3 x 0.3
mm x
mm
Distance chip surface to lens top
(min ..
max)
H
0.3 ... 0.7
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
(IF = 100 mA, RL = 50 Ω)
(typ)
tr, tf
12
ns
Forward voltage
(IF = 100 mA, tp = 20 ms)
(typ (max)) VF
1.6 (≤ 1.9)
V
Forward voltage
(I
F = 1 A, tp = 100 µs)
(typ (max)) V
F
3.6 (≤ 4.6)
V
Reverse current
(V
R = 5 V)
I
R
not designed for
reverse operation
µA
Total radiant flux
(IF=100 mA, tp=20 ms)
(typ)
Φe
80
mW



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com