Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPP Datasheet(PDF) 1 Page - TT Electronics.

Part # SPP
Description  Fibre Core Conformal Coated Wirewound Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SPP Datasheet(HTML) 1 Page - TT Electronics.

  SPP Datasheet HTML 1Page - TT Electronics. SPP Datasheet HTML 2Page - TT Electronics. SPP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Resistors
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
Fibre Core Conformal
Fibre Core Conformal
Coated Wirewound Resistor
SPP Series
UL1412 recognised fusing *
Coated or uncoated units
PositivehighTC’suponrequest
Colorbandstandardidentification
Lowerrangesavailable-contactfactory
Weldableandsolderablemagneticleads
*ULfilenumberE234469
Resistors
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Fibre Core Conformal
Coated Wirewound Resistor
SPP Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
· UL1412 recognised fusing *
· Coated or uncoated units
· Positive high TC’s upon request
· Color band standard identification
· Lower ranges available - contact factory
· Weldable and solderable magnetic leads
* UL file number E234469
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Alloy resistance
wirewound on
fiberglass core
Mechanically crimped
termination assembly
EIA/MIL color code:
first wide band indicates
wirewound construction,
blue indicator indicates
flameproof
SPP Series
• Coated or uncoated units
• Positive high TC’s upon request
• Color band standard identification
• Lower ranges available - contact factory
• Weldable and solderable magnetic leads
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
Notes:
Unless specified otherwise, standard test centers are 1 ¾ inches.
Electrical Data
IRC Type
SPP-1
SPP-2
SPP-3
Resistance - Std.
UL Recognised Range
0.1
Ω to 1200
1
to 470
1
to 470
Ω
0.1
Ω to 2400Ω
0.1
Ω to 2400Ω
Tolerance - Std.
±5% (E24), ±10% (E12)
Power Rating
1 watt @ 85°C
3/4 watt @ 105°C
1/2 watt @ 125°C
Derating to 0 @ 160°C
2 watt @ 85°C
1 watt @ 140°C
---
---
3 watt @ 85°C
2 watt @ 145°C
1 watt @ 190°C
---
---
Load Life Stability
1 watt @ 85°C ± 10%
2 watt @ 85°C ± 10%
3 watt @ 85°C ± 10%
Max. Continuous
Working Voltage
√PR
√PR
√PR
Min. Insulation
Resistance
10,000 Meg
100 Meg
10,000 Meg
100 Meg
10,000 Meg
100 Meg
Min. Dielectric
Withstanding Volts
(RMS)
600V
600V
600V
Current Noise
Negligible
Negligible
Negligible
Temperature Rise at
Rated Load, 25°C Ambient
Approx. 150°C
Approx. 200°C
Approx. 225°C
Temperature Coefficient
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 1200Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
Dry
Wet
SPP Series Issue December 2008 Sheet 1 of 3
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Alloy resistance
wirewound on
fiberglass core
Mechanically crimped
termination assembly
EIA/MIL color code:
first wide band indicates
wirewound construction,
blue indicator indicates
flameproof
SPP Series
• Coated or uncoated units
• Positive high TC’s upon request
• Color band standard identification
• Lower ranges available - contact factory
• Weldable and solderable magnetic leads
Low-Cost General Purpose
Conformal Coated
Wirewound Resistor
Notes:
Unless specified otherwise, standard test centers are 1 ¾ inches.
Electrical Data
IRC Type
SPP-1
SPP-2
SPP-3
Resistance - Std.
UL Recognised Range
0.1
Ω to 1200
1
to 470
1
to 470
Ω
0.1
Ω to 2400Ω
0.1
Ω to 2400Ω
Tolerance - Std.
±5% (E24), ±10% (E12)
Power Rating
1 watt @ 85°C
3/4 watt @ 105°C
1/2 watt @ 125°C
Derating to 0 @ 160°C
2 watt @ 85°C
1 watt @ 140°C
---
---
3 watt @ 85°C
2 watt @ 145°C
1 watt @ 190°C
---
---
Load Life Stability
1 watt @ 85°C ± 10%
2 watt @ 85°C ± 10%
3 watt @ 85°C ± 10%
Max. Continuous
Working Voltage
√PR
√PR
√PR
Min. Insulation
Resistance
10,000 Meg
100 Meg
10,000 Meg
100 Meg
10,000 Meg
100 Meg
Min. Dielectric
Withstanding Volts
(RMS)
600V
600V
600V
Current Noise
Negligible
Negligible
Negligible
Temperature Rise at
Rated Load, 25°C Ambient
Approx. 150°C
Approx. 200°C
Approx. 225°C
Temperature Coefficient
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 1200Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
±600/°C
0.10
Ω - 0.91Ω
±300/°C
1
Ω - 2400Ω
Dry
Wet
SPP Series Issue December 2008 Sheet 1 of 3
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)


Similar Part No. - SPP

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SPP WELWYN-SPP Datasheet
109Kb / 2P
General Purpose Wirewound Resistors
logo
TT Electronics.
SPP TTELEC-SPP Datasheet
409Kb / 3P
Lower ranges available - contact factory
logo
KITAGAWA GmbH
SPP KGS-SPP Datasheet
460Kb / 1P
Spiral tube to bundle and protect cables
logo
Frequency Devices, Inc.
SPP-01 FREQUENCYDEVICES-SPP-01 Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
SPP-01M FREQUENCYDEVICES-SPP-01M Datasheet
731Kb / 4P
Dual Channel, Differential Input Signal Processing Platform
More results

Similar Description - SPP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SPP11001J IRCTT-SPP11001J Datasheet
221Kb / 3P
Low-Cost General Purpose Conformal Coated Wirewound Resistor
logo
TT Electronics.
SPP1UL15R0JLF TTELEC-SPP1UL15R0JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
SPP1UL1000JLF TTELEC-SPP1UL1000JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
SPP2UL6R80JLF TTELEC-SPP2UL6R80JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
SPP2UL33R0JLF TTELEC-SPP2UL33R0JLF Datasheet
409Kb / 3P
Fibre Core Conformal Coated Wirewound Resistor
logo
Vishay Siliconix
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
logo
TT Electronics.
CR10A001 TTELEC-CR10A001 Datasheet
381Kb / 4P
In-Line Conformal Coated Resistor
logo
Vishay Siliconix
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
logo
Stackpole Electronics, ...
WRC SEI-WRC Datasheet
255Kb / 4P
Conformal Coated Welded Wirewound Resistor
11/23/2020
logo
List of Unclassifed Man...
KPS ETC-KPS Datasheet
576Kb / 3P
Power Wirewound Resistors | Radial | Fiber glass core | coated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com