Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4775S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4775S
Description  IR SYNIOS P2720
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4775S Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4775S Datasheet HTML 1Page - OSRAM GmbH SFH4775S Datasheet HTML 2Page - OSRAM GmbH SFH4775S Datasheet HTML 3Page - OSRAM GmbH SFH4775S Datasheet HTML 4Page - OSRAM GmbH SFH4775S Datasheet HTML 5Page - OSRAM GmbH SFH4775S Datasheet HTML 6Page - OSRAM GmbH SFH4775S Datasheet HTML 7Page - OSRAM GmbH SFH4775S Datasheet HTML 8Page - OSRAM GmbH SFH4775S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2018-02-05
1
Preliminary – For Reference only.
Subject to change.
2018-02-05
IR SYNIOS P2720 (940 nm) - 120°
Preliminary Version 0.0
SFH 4775S
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Double Stack emitter
•
Low thermal resistance (Max. 9 K/W)
•
Centroid wavelength 940 nm
•
Superior Corrosion Robustness (see chapter package outlines)
Applications
•
Infrared Illumination for cameras
•
Eye tracking systems
•
Not released for automotive applications
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Total Radiant Flux
Ordering Code
Φe [mW]
IF = 1A, tp = 10 ms
SFH 4775S
1150 (≥ 800)
Q65112A4691
Note:
Measured with integrating sphere.


Similar Part No. - SFH4775S

ManufacturerPart #DatasheetDescription
logo
ams AG
SFH4775SA01 AMSCO-SFH4775SA01 Datasheet
1Mb / 20P
IR SYNIOS P2720 (940 nm) - 120°
Version 1.3 2022-07-19
More results

Similar Description - SFH4775S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KSDMLN31.23 OSRAM-KSDMLN31.23 Datasheet
667Kb / 22P
SYNIOS P2720
KSDMLQ31.23 OSRAM-KSDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KWDMLS31.SG OSRAM-KWDMLS31.SG Datasheet
791Kb / 23P
SYNIOS P2720
KYDMLN31.23 OSRAM-KYDMLN31.23 Datasheet
666Kb / 22P
SYNIOS P2720
KYDMLN31.FY OSRAM-KYDMLN31.FY Datasheet
704Kb / 23P
SYNIOS P2720
KYDMLQ31.23 OSRAM-KYDMLQ31.23 Datasheet
687Kb / 22P
SYNIOS P2720
KYDMLS31.23 OSRAM-KYDMLS31.23 Datasheet
703Kb / 22P
SYNIOS P2720
KYDMLS31.FY OSRAM-KYDMLS31.FY Datasheet
745Kb / 23P
SYNIOS P2720
SFH4770S OSRAM-SFH4770S Datasheet
461Kb / 13P
IR SYNIOS P2720
logo
ams AG
SFH4775SA01 AMSCO-SFH4775SA01 Datasheet
1Mb / 20P
IR SYNIOS P2720 (940 nm) - 120°
Version 1.3 2022-07-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com