Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4770S Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4770S
Description  IR SYNIOS P2720
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4770S Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4770S Datasheet HTML 1Page - OSRAM GmbH SFH4770S Datasheet HTML 2Page - OSRAM GmbH SFH4770S Datasheet HTML 3Page - OSRAM GmbH SFH4770S Datasheet HTML 4Page - OSRAM GmbH SFH4770S Datasheet HTML 5Page - OSRAM GmbH SFH4770S Datasheet HTML 6Page - OSRAM GmbH SFH4770S Datasheet HTML 7Page - OSRAM GmbH SFH4770S Datasheet HTML 8Page - OSRAM GmbH SFH4770S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Version 1.3
SFH 4770S
2016-03-01
3
Grouping (T
A = 25 °C)
Temperature coefficient of Ie or Φe
(I
F = 1 A, tp = 10 ms)
(typ)
TCI
-0.3
% / K
Temperature coefficient of V
F
(I
F = 1 A, tp = 10 ms)
(typ)
TC
V
-2
mV / K
Temperature coefficient of wavelength
(IF = 1 A, tp = 10 ms)
(typ)
TC
λ,
centroid
0.3
nm / K
Group
Min Total Radiant Flux
Max Total Radiant Flux
IF = 1A, tp = 10 ms
IF = 1A, tp = 10 ms
Φe min [mW]
Φe max [mW]
SFH 4770S - EB
800
1250
SFH 4770S - FA
1000
1600
Note:
Only one group in one packing unit (variation lower 1.6:1).
Relative Spectral Emission 1) page 12
Irel = f (λ), TA = 25 °C, IF =1A, tp = 10 ms
Relative Total Radiant Flux 1) page 12
Φe/Φe(1A) = f (IF), TA = 25 °C, Single pulse, tp =
100 μs
Parameter
Symbol
Values
Unit
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05693
1
10
F
I
10
0
-1
10
10
-2
A
10
-3
10
-2
10
-1
10
0
1
10
Φ (1 A)
e
Φ
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com