Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4725S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4725S
Description  OSLON Black Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4725S Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4725S Datasheet HTML 1Page - OSRAM GmbH SFH4725S Datasheet HTML 2Page - OSRAM GmbH SFH4725S Datasheet HTML 3Page - OSRAM GmbH SFH4725S Datasheet HTML 4Page - OSRAM GmbH SFH4725S Datasheet HTML 5Page - OSRAM GmbH SFH4725S Datasheet HTML 6Page - OSRAM GmbH SFH4725S Datasheet HTML 7Page - OSRAM GmbH SFH4725S Datasheet HTML 8Page - OSRAM GmbH SFH4725S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
2016-06-27
1
2016-06-27
OSLON Black Series (940 nm) - 90°
Version 1.6
SFH 4725S
Ordering Information
Features:
•
IR lightsource with high efficiency
•
Double Stack emitter
•
Low thermal resistance (Max. 11 K/W)
•
Centroid wavelength 940 nm
•
Superior Corrosion Robustness (see chapter package outlines)
•
The product qualification test plan is based on the guidelines of AEC-Q101-REV-C, Stress Test Qualification
for Automotive Grade Discrete Semiconductors.
Applications
•
Infrared Illumination for cameras
•
Machine vision systems
•
Surveillance systems
•
Eye tracking systems
Notes
Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which
can be hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions given in IEC 60825-1 and IEC 62471.
Type:
Radiant Intensity
Ordering Code
I
e [mW/sr]
I
F = 1 A, tp=10 ms
SFH 4725S
425 (≥ 320)
Q65111A2800
Note:
measured at a solid angle of Ω = 0.01 sr


Similar Part No. - SFH4725S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4725S OSRAM-SFH4725S Datasheet
238Kb / 10P
OSLON Black Series (940 nm)
More results

Similar Description - SFH4725S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4716AS OSRAM-SFH4716AS Datasheet
530Kb / 14P
OSLON Black Series
SFH4716A OSRAM-SFH4716A_18 Datasheet
528Kb / 14P
OSLON Black Series
SFH4715S OSRAM-SFH4715S_16 Datasheet
501Kb / 13P
OSLON Black Series
SFH4715A OSRAM-SFH4715A Datasheet
781Kb / 14P
OSLON Black Series
SFH4715 OSRAM-SFH4715_16 Datasheet
500Kb / 14P
OSLON Black Series
SFH4703AS OSRAM-SFH4703AS Datasheet
570Kb / 14P
OSLON Black Series
SFH-4713A OSRAM-SFH-4713A Datasheet
748Kb / 13P
OSLON Black Series
SFH-4714A OSRAM-SFH-4714A Datasheet
585Kb / 13P
OSLON Black Series
SFH-4715 OSRAM-SFH-4715 Datasheet
500Kb / 14P
OSLON Black Series
SFH-4715A OSRAM-SFH-4715A Datasheet
781Kb / 14P
OSLON Black Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com