Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4715A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4715A
Description  OSLON Black Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4715A Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4715A Datasheet HTML 1Page - OSRAM GmbH SFH4715A Datasheet HTML 2Page - OSRAM GmbH SFH4715A Datasheet HTML 3Page - OSRAM GmbH SFH4715A Datasheet HTML 4Page - OSRAM GmbH SFH4715A Datasheet HTML 5Page - OSRAM GmbH SFH4715A Datasheet HTML 6Page - OSRAM GmbH SFH4715A Datasheet HTML 7Page - OSRAM GmbH SFH4715A Datasheet HTML 8Page - OSRAM GmbH SFH4715A Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2016-09-27
4
Version 1.5
SFH 4715A
Relative Spectral Emission 1) page 13
Irel = f (λ), TA = 25 °C, IF =1A, tp = 10 ms
Relative Total Radiant Flux 1) page 13
Φe/Φe(1A) = f (IF), TA = 25 °C, Single pulse,
tp = 100 μs
Max. Permissible Forward Current
IF = f (TS), RthJS = 10 K/W
Forward Current 1) page 13
IF = f(VF), single pulse, tp = 100 µs, TA= 25°C
700
0
nm
%
OHF04132
20
40
60
80
100
950
750
800
850
Irel
λ
OHF05693
1
10
F
I
10
0
-1
10
10
-2
A
10
-3
10
-2
10
-1
10
0
1
10
Φ (1 A)
e
Φ
e
0
0
˚C
TS
F
I
A
OHF05723
25
50
75
100
150
1
2
3
OHF05725
F
I
V
A
1
F
V
5
5
0
10
1
10
10
-1
10
-2
1.2 1.4 1.6 1.8
2
2.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com