Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC38AD Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74LVC38AD
Description  Quad 2-input NAND gate (open drain)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC38AD Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVC38AD Datasheet HTML 1Page - NXP Semiconductors 74LVC38AD Datasheet HTML 2Page - NXP Semiconductors 74LVC38AD Datasheet HTML 3Page - NXP Semiconductors 74LVC38AD Datasheet HTML 4Page - NXP Semiconductors 74LVC38AD Datasheet HTML 5Page - NXP Semiconductors 74LVC38AD Datasheet HTML 6Page - NXP Semiconductors 74LVC38AD Datasheet HTML 7Page - NXP Semiconductors 74LVC38AD Datasheet HTML 8Page - NXP Semiconductors 74LVC38AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DATA SHEET
Product specification
Supersedes data of 2004 Mar 10
2004 Mar 22
INTEGRATED CIRCUITS
74LVC38A
Quad 2-input NAND gate (open
drain)


Similar Part No. - 74LVC38AD

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC30A NEXPERIA-74LVC30A Datasheet
226Kb / 13P
8-input NAND gate
74LVC30ABQ NEXPERIA-74LVC30ABQ Datasheet
226Kb / 13P
8-input NAND gate
74LVC30AD NEXPERIA-74LVC30AD Datasheet
226Kb / 13P
8-input NAND gate
74LVC30APW NEXPERIA-74LVC30APW Datasheet
226Kb / 13P
8-input NAND gate
logo
NXP Semiconductors
74LVC322244A PHILIPS-74LVC322244A Datasheet
77Kb / 16P
32-bit buffer/line driver; with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 31
More results

Similar Description - 74LVC38AD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74VHCT03A STMICROELECTRONICS-74VHCT03A Datasheet
158Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-2001
M54HC03 STMICROELECTRONICS-M54HC03 Datasheet
232Kb / 9P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jan-1993
M74HC03 STMICROELECTRONICS-M74HC03 Datasheet
179Kb / 8P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jul-2001
logo
National Semiconductor ...
MM74HCT03 NSC-MM74HCT03 Datasheet
113Kb / 4P
Quad 2-Input NAND Gate (Open Drain)
logo
Toshiba Semiconductor
TC74VHC03F TOSHIBA-TC74VHC03F_07 Datasheet
276Kb / 9P
Quad 2-Input NAND Gate (open drain)
logo
STMicroelectronics
74VHC03 STMICROELECTRONICS-74VHC03_04 Datasheet
232Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
12-Nov-2004
74VHCT03A STMICROELECTRONICS-74VHCT03A_04 Datasheet
223Kb / 11P
QUAD 2-INPUT OPEN DRAIN NAND GATE
16-Dec-2004
logo
Toshiba Semiconductor
TC74HC03AP TOSHIBA-TC74HC03AP_12 Datasheet
208Kb / 7P
Quad 2-Input NAND Gate (open drain)
TC74VHC03F TOSHIBA-TC74VHC03F_12 Datasheet
245Kb / 8P
Quad 2-Input NAND Gate (open drain)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com