Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC38ADB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC38ADB
Description  Quad 2-input NAND gate (open drain)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC38ADB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC38ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC38ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Mar 22
2
Philips Semiconductors
Product specification
Quad 2-input NAND gate (open drain)
74LVC38A
FEATURES
• 5 V tolerant inputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Open-drain outputs
• Inputs accept voltages up to 5.5 V
• Complies with JEDEC standard no. 8-1A
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74LVC38A is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most
advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. This
feature allows the use of these devices as translators in a
mixed 3.3 and 5 V environment.
The 74LVC38A provides the 2-input NAND function.
The outputs of the 74LVC38A devices are open drain and
can be connected to other open-drain outputs to
implement active-LOW wired-OR or active-HIGH
wired-AND functions.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZL
propagation delay nA, nB to nY
CL = 50 pF; VCC = 3.3 V
1.7
ns
tPLZ
propagation delay nA, nB to nY
CL = 50 pF; VCC = 3.3 V
2.3
ns
CI
input capacitance
4.0
pF
CPD
power dissipation capacitance per gate
VCC = 3.3 V; notes 1 and 2
5.5
pF
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74LVC38AD
−40 to +125 °C
14
SO14
plastic
SOT108-1
74LVC38ADB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74LVC38APW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74LVC38ABQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com