Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC38ABQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC38ABQ
Description  Quad 2-input NAND gate (open drain)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC38ABQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC38ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC38ABQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
2004 Mar 22
7
Philips Semiconductors
Product specification
Quad 2-input NAND gate (open drain)
74LVC38A
AC CHARACTERISTICS
GND = 0 V; tr =tf ≤ 2.5 ns.
Notes
1. All typical values are measured at Tamb =25 °C.
2. These typical values are measured at VCC = 3.3 V.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed
by design.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 to +85 °C; note 1
tPZL
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
−
5.7
−
ns
2.7
0.5
1.7
2.9
ns
3.0 to 3.6
0.5
1.7(2)
3.0
ns
tPLZ
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
−
4.8
−
ns
2.7
1.0
2.6
3.8
ns
3.0 to 3.6
1.0
2.3(2)
3.6
ns
tsk(0)
skew
note 3
−−
1.0
ns
Tamb = −40 to +125 °C
tPZL
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
−−−
ns
2.7
0.5
−
4.0
ns
3.0 to 3.6
0.5
−
4.0
ns
tPLZ
propagation delay nA, nB to nY
see Figs 6 and 7
1.2
−−−
ns
2.7
1.0
−
5.0
ns
3.0 to 3.6
1.0
−
4.5
ns
tsk(0)
skew
note 3
−−
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com