Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2G70CTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2G70CTR
Description  SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2G70CTR Datasheet(HTML) 1 Page - STMicroelectronics

  74V2G70CTR Datasheet HTML 1Page - STMicroelectronics 74V2G70CTR Datasheet HTML 2Page - STMicroelectronics 74V2G70CTR Datasheet HTML 3Page - STMicroelectronics 74V2G70CTR Datasheet HTML 4Page - STMicroelectronics 74V2G70CTR Datasheet HTML 5Page - STMicroelectronics 74V2G70CTR Datasheet HTML 6Page - STMicroelectronics 74V2G70CTR Datasheet HTML 7Page - STMicroelectronics 74V2G70CTR Datasheet HTML 8Page - STMicroelectronics 74V2G70CTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
December 2001
s
HIGH SPEED:
fMAX = 170 MHz (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 1 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
FUNCTION COMPATIBLE WITH
74 SERIES 74
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2G74 is an advanced high-speed CMOS
SINGLE D-TYPE FLIP FLOP WITH PRESET
AND CLEAR fabricated with sub-micron silicon
gate and double-layer metal wiring C2MOS
tecnology.
A signal on the D INPUT is transfered to the Q and
Q OUTPUTS during the positive going transition
of the clock pulse.
CLEAR and PRESET are independent of the
clock and accomplished by a low setting on the
appropriate input.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them ESD immunity and transient excess voltage.
74V2G74
SINGLE D-TYPE FLIP FLOP WITH PRESET AND CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2G70STR
SOT323-8L
74V2G70CTR
SOT23-8L
SOT323-8L


Similar Part No. - 74V2G70CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2G70 STMICROELECTRONICS-74V2G70 Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
74V2G70STR STMICROELECTRONICS-74V2G70STR Datasheet
129Kb / 8P
TRIPLE BUFFER
Jun-2003
More results

Similar Description - 74V2G70CTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
24-Oct-1997
TC7W74F TOSHIBA-TC7W74F Datasheet
245Kb / 8P
D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC7WT74FU TOSHIBA-TC7WT74FU Datasheet
212Kb / 5P
D-TYPE FLIP FLOP WITH PRESET AND CLEAR
20-Jun-1997
TC7WZ74FK TOSHIBA-TC7WZ74FK Datasheet
117Kb / 7P
D-Type Flip Flop with Preset and Clear
15-Nov-2001
TC7W74F TOSHIBA-TC7W74F_01 Datasheet
277Kb / 9P
D-TYPE FLIP FLOP WITH PRESET AND CLEAR
31-May-2001
TC7W74FK TOSHIBA-TC7W74FK_09 Datasheet
220Kb / 9P
D-Type Flip Flop with Preset and Clear
TC7WG74FK TOSHIBA-TC7WG74FK_09 Datasheet
203Kb / 9P
D-Type Flip Flop with Preset and Clear
TC7WH74FK TOSHIBA-TC7WH74FK_09 Datasheet
205Kb / 7P
D-Type flip flop with preset and clear
28-Sep-2009
TC7WZ74FUTE12LF TOSHIBA-TC7WZ74FUTE12LF Datasheet
189Kb / 7P
D-Type Flip Flop with Preset and Clear
17-Sep-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com