Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VCX16244MTD Datasheet(PDF) 8 Page - STMicroelectronics

Part # 74VCX16244MTD
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCX16244MTD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74VCX16244MTD Datasheet HTML 4Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 5Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 6Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 7Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 8Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 9Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 10Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 11Page - STMicroelectronics 74VCX16244MTD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
74VCX1632245
8/18
Table 9: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
Table 10: Capacitance Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation Delay Time
An to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.8
ns
1.8
± 0.15 3.3 ± 0.3
1.0
6.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tPLH tPHL
Propagation Delay Time
Bn to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.5
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
G to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
G to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
8.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
8.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.6
tPLZ tPHZ
Output Disable Time
G to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.2
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.6
2.5
± 0.2 3.3 ± 0.3
1.0
4.8
tPLZ tPHZ
Output Disable Time
G to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
4.6
ns
1.8
± 0.15 3.3 ± 0.3
1.0
4.5
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tOSLH
tOSHL
Output To Output Skew
Time (note1, 2)
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
0.5
ns
1.8
± 0.15 3.3 ± 0.3
0.5
2.5
± 0.2 3.3 ± 0.3
0.75
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
CINB
Input Capacitance
open
open
5
pF
CI/O
Input/Output
Capacitance
2.5
3.3
6
pF
CPD
Power Dissipation
Capacitance
2.5
3.3
f=10MHz
28
pF
1.8
3.3
28
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com