Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1012 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1012
Description  PNP Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1012 Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1012 Datasheet HTML 1Page - Micro Commercial Components 2SA1012 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SA1012
PNP
Plastic-Encapsulate
Transistor
Features
•
Capable of 25 Watts of Power Dissipation.
•
Collector-current -5.0A and Collector-base Voltage -60V
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1.0mAdc, IB=0)
-50
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-1mAdc, IE=0)
-60
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-0.1mAdc, IC=0)
-5.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-50Vdc, IE=0)
---
-1.0
µAdc
ON CHARACTERISTICS
hFE(1)
DC Current
(Note 2)
Gain
(IC=-1Adc, VCE=-1Vdc)
70
240
---
hFE(2)
DC Current Gain
(IC=-3Adc, VCE=-1Vdc)
30
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-3Adc, IB=-150mAdc)
-0.2
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=-3Adc, IB=-150mAdc)
-0.9
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=-1Adc, VCE=-4Vdc)
60
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: C
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
IEBO
Emitter Cutoff Current
(VEB=-5.0Vdc, IC=0)
---
-1.0
µAdc
-1.2
-0.4
()
---
PF
VCB=-10V, IE=0, f=1MHz
Collector output capacitance
Cob
170(Typ)
TO-220
AB
G
R
B
Q
H
U
L
D
C
J
K
A
F
S
T
1
3
2
N
V
2. hFE(1) Classification O : 70-140, Y : 120-240
MIN
MAX
NOTE
A
.560
.625
14.22
15.88
B
.380
.420
9.65
10.67
C
.140
.190
3.56
4.82
D
.020
.045
0.51
1.14
F
.139
.161
3.53
4.09
∅
G
.190
.110
2.29
2.79
H
---
.250
---
6.35
J
.012
.025
0.30
0.64
K
.500
.580
12.70
14.73
L
.045
.060
1.14
1.52
N
.190
.210
4.83
5.33
Q
.100
.135
2.54
3.43
R
.080
.115
2.04
2.92
S
.045
.055
1.14
1.39
T
.230
.270
5.84
6.86
U
-----
.050
-----
1.27
V
.045
-----
1.15
-----
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
PIN 1.
BASE
PIN 2.
COLLECTOR
PIN 3.
EMITTER
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
•
Operating and storage junction temperature range: -55
to +150
Notes: 1. High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Lead Free Finish/RoHS Compliant (Note1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Mounting Torgue: 5 in-lbs Maximum
•
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SA1012

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
POWER TRANSISTORS(5A,50V,25W)
logo
Toshiba Semiconductor
2SA1012 TOSHIBA-2SA1012 Datasheet
199Kb / 3P
TRANSISITOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Unisonic Technologies
2SA1012 UTC-2SA1012 Datasheet
111Kb / 4P
HIGH CURRENT SWITCHING APPLICATION
logo
Inchange Semiconductor ...
2SA1012 ISC-2SA1012 Datasheet
113Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1012 SAVANTIC-2SA1012 Datasheet
135Kb / 5P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1012

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com