Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1013-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1013-R
Description  PNP Epitaxial Silicon Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1013-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1013-R Datasheet HTML 1Page - Micro Commercial Components 2SA1013-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SA1013-O
PNP
Epitaxial Silicon
Transistor
Features
•
Capable of 0.9Watts of Power Dissipation.
•
Collector-current -1.0A
•
Collector-base Voltage -160V
•
Operating and storage junction temperature range: -55
to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=-1.0mAdc, IB=0)
-160
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-100
µAdc, I
E=0)
-160
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=-10mAdc, IC=0)
-6.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=-150Vdc, IE=0)
---
-1.0
µAdc
ICEO
Collector Cutoff Current
(VCB=-120Vdc, IE=0)
---
-10
µAdc
IEBO
Emitter Cutoff Current
(VEB=-6.0Vdc, IC=0)
---
-1.0
µAdc
ON CHARACTERISTICS
hFE(1)
DC Current Gain
(IC=-200mAdc, VCE=-5.0Vdc)
65
310
---
hFE(2)
DC Current Gain
(IC=-50mAdc, VCE=-5.0Vdc)
40
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-500mAdc, IB=-50mAdc)
---
-1.5
Vdc
VBE
Base-Emitter Saturation Voltage
(IC=-5.0mAdc, VCE=-5.0Vdc)
---
-0.75
Vdc
SMALL-SIGNAL CHARACTERISTICS
fT
Transistor Frequency
(IC=-200mAdc, VCE=-5.0Vdc,
f=30MHz)
-15
---
MHz
CLASSIFICATION OF HFE(1)
Rank
R
O
Y
Range
60-120
120-200
200-300
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
2SA1013-Y
2SA1013-R
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
TO-92MOD
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.228
.
244
5.80
6.20
.
059
1.50
B
A
C
D
E
F
G
J
K
L
M
H
B
.331
.
346
8.40
8.80
C
.016
.
024
0.40
0.60
.114
.
122
2.90
3.10
F
.543
.
559
13.80
14.20
H
.157
-----
4.00
---
G
.035
.
043
0.90
1.10
DIMENSIONS
E
C
B
E
C
B
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
J
.185
.
201
4.70
5.10
K
----
.
063
-----
1.60
L
.016
.
020
0.40
0.50
M
.068
.
080
1.73
2.03
.086
.110
2.20
2.80
Straight Lead
Bent Lead
Straight Lead
Bent Lead
D
E
.173
.220
4.40
5.60
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SA1013-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1013-R MCC-2SA1013-R Datasheet
108Kb / 2P
PNP Epitaxial Silicon Transistor
logo
Guangdong Kexin Industr...
2SA1013-R KEXIN-2SA1013-R Datasheet
336Kb / 1P
PNP Transistors
logo
DONGGUAN YOU FENG WEI E...
2SA1013-R YFWDIODE-2SA1013-R Datasheet
379Kb / 2P
PNP Transistors
More results

Similar Description - 2SA1013-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com