Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1188-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SB1188-R
Description  PNP Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SB1188-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SB1188-R Datasheet HTML 1Page - Micro Commercial Components 2SB1188-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PNP
Plastic-Encapsulate
Transistors
Features
•
Power dissipation: PCM = 0.5W(Tamb=25 )
•
Collector current: ICM = -2A
•
Collector-base voltage: V(BR)CBO = -40V
•
Operating and storage junction temperature range
TJ, Tstg: -55
to + 150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
V(BR)CEO
Collector-Emitter Breakdown Voltage
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=-50
­A, IE=0)
-40
V(BR)EBO
Emitter-Base Breakdown Voltage
ICBO
Collector cut-off Current
(VCB=-20V, IE=0)
---
---
-1.0
IEBO
Emitter cut-off Current
(VEB=-4V, IC=0)
---
---
-1.0
hFE
DC current gain *
(VCE=-3V, IC=-0.5A)
82
---
390
---
VCE(sat)
Collector-Emitter Saturation Voltage*
(IC=-2A, IB=-0.2A)
---
---
-0.8
fT
Transition Frequency
(VCE=-5.0Vdc, IC=-0.5Adc,F=30MHZ)
Cob
output capacitance
(VCB=-10V, IE=0, f=1MHz)
---
CLASSIFICATION OF hFE
Rank
P
Q
R
Range
82-180
120-270
180-390
Marking
BCP
BCQ
BCR





 

 
 
















25











































SOT-89
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: B
2013/01/01
E
B
C
---
MHZ
---
65
---
PF
-32
uA
V
uA
(IC=-1mA, IB=0)
(IE=-50
­A, IC=0)
---
---
---
---
---
-5.0
V
V
V
80
---
* Measured using pulse current.
2SB1188-P
2SB1188-Q
2SB1188-R
www.mccsemi.com
1 of 2
B
A
E
D
G
H
F
K
J
C
1
2
3
1.Base
2.Collector
3.Emitter
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
TM
Micro Commercial Components
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SB1188-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SB1188-R MCC-2SB1188-R Datasheet
217Kb / 2P
PNP Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SB1188-R KEXIN-2SB1188-R Datasheet
897Kb / 3P
PNP Transistor
logo
DONGGUAN YOU FENG WEI E...
2SB1188-R YFWDIODE-2SB1188-R Datasheet
603Kb / 4P
PNP Transistors
More results

Similar Description - 2SB1188-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com