Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28548 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # CY28548
Description  Clock Generator for Intel짰Crestline Chipset
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CY28548 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button CY28548 Datasheet HTML 17Page - Silicon Laboratories CY28548 Datasheet HTML 18Page - Silicon Laboratories CY28548 Datasheet HTML 19Page - Silicon Laboratories CY28548 Datasheet HTML 20Page - Silicon Laboratories CY28548 Datasheet HTML 21Page - Silicon Laboratories CY28548 Datasheet HTML 22Page - Silicon Laboratories CY28548 Datasheet HTML 23Page - Silicon Laboratories CY28548 Datasheet HTML 24Page - Silicon Laboratories CY28548 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
CY28548
......................Document #: 001-08400 Rev ** Page 21 of 30
.
.
Table 6. Output Driver Status during PCI-STOP# and CPU-STOP#
PCI_STOP# Asserted
CPU_STOP# Asserted
SMBus OE Disabled
Single-ended Clocks
Stoppable
Driven low
Running
Driven low
Non stoppable
Running
Running
Differential Clocks
Stoppable
Clock driven high
Clock driven high
Clock driven Low or 20K
pulldown
Clock# driven low
Clock# driven low
Non stoppable
Running
Running
Table 7. Output Driver Status
All Single-ended Clocks
All Differential Clocks except
CPU1
CPU1
w/o Strap
w/ Strap
Clock
Clock#
Clock
Clock#
Latches Open State
Low
Hi-z
Low or 20K pulldown
Low
Low or 20K pulldown Low
Powerdown
Low
Hi-z
Low or 20K pulldown
Low
Low or 20K pulldown Low
M1
Low
Hi-z
Low or 20K pulldown
Low
Running
Running
Table 8. PLL3/SE Configuration Table
GCLK_SEL
B1b4
B1b3
B1b2
B1b1
Pin 27 (17) MHz Pin 25 (18) MHz Spread (%)
Comment
0
0000
PLL3 Disabled
0
0001
100
100
0.5
SRC1 from SRC_Main
0
0010
100
100
0.5
LCD_100 from PLL3
0
0011
100
100
1
LCD_100 from PLL3
0
0100
100
100
1.5
LCD_100 from PLL3
0
0101
100
100
2
LCD_100 from PLL3
0
0110
N/A
N/A
N/A
N/A
0
0111
N/A
N/A
N/A
N/A
0
1000
N/A
N/A
N/A
N/A
0
1001
N/A
N/A
N/A
N/A
0
1010
N/A
N/A
N/A
N/A
0
1011
N/A
N/A
N/A
N/A
0
1100
N/A
N/A
none
N/A
0
1101
N/A
N/A
N/A
N/A
0
1110
N/A
N/A
N/A
N/A
0
1111
N/A
N/A
N/A
N/A
1
0000
N/A
N/A
N/A
1
0001
27M_NSS
27M_NSS
0.5
27M_NSS from PLL3
1
0010
27M_NSS
27M_NSS
0.5
27M_NSS from PLL3
1
0011
27M_NSS
27M_NSS
1
27M_NSS from PLL3
1
0100
27M_NSS
27M_NSS
1.5
27M_NSS from PLL3
1
0101
27M_NSS
27M_NSS
2
27M_NSS from PLL3
1
0110
N/A
N/A
N/A
1
0111
N/A
N/A
N/A
1
1000
N/A
N/A
N/A
1
1001
N/A
N/A
N/A
1
1010
N/A
N/A
N/A
1
1011
N/A
N/A
N/A
1
1100
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com