Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1585S-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 2SA1585S-R
Description  PNP Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

2SA1585S-R Datasheet(HTML) 1 Page - Micro Commercial Components

  2SA1585S-R Datasheet HTML 1Page - Micro Commercial Components 2SA1585S-R Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SA1585S
PNP
Plastic-Encapsulate
Transistors
Features
•
Power dissipation: PD = 0.4W(Tamb=25 )
•
Collector current: ICM = -2A
•
Collector-base voltage: V(BR)CBO = -20V
•
Operating and storage junction temperature range
TJ, Tstg: -55
to + 150
Electrical Characteristics @ 25
Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Unit
VCEO
Collector-Emitter Voltage
(IC=-50
­A, IE=0)
-20
---
---
V
VCBO
Collector-Base Voltage
(IC=-1
­A, IB=0)
-20
---
---
V
VEBO
Emitter-Base Voltage
(IE=-50
­A, IC=0)
-6.0
---
---
V
ICBO
Collector cut-off Current
(VCB=-20V, IE=0)
---
---
-0.1
­A
IEBO
Emitter cut-off Current
(VEB=-5V, IC=0)
---
---
-0.1
­A
hFE
DC current gain
(VCE=-2V, IC=-0.1A)
120
---
390
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=-2A, IB=-0.1A)
---
---
-0.82
V
fT
Transition Frequency
(VCE=2.0Vdc, IC=0.5Adc)
200
---
---
MHz
CLASSIFICATION OF hFE
Rank
Q
R
Range
120-170
180-390
Marking
1815Q
1815R

 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
13/01/01
TM
Micro Commercial Components
2SA1585S-Q
2SA1585S-R
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
www.mccsemi.com
1 of
2
TO-92S
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.056
.064
1.42
1.62
B
B
.154
.161
3.90
4.10
C
.120
.128
3.05
3.25
C
D
E
DIMENSIONS
1
2
3
1
2
3
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
.050
1.27
D
.086
.110
2.20
2.80
E
.096
.104
2.44
2.64
.173
.220
4.40
5.60
L
.594
.610
15.10
15.50
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
Straight Lead
Bent Lead
Straight Lead
Bent Lead
1. GND
2. OUT
3. IN
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - 2SA1585S-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1585S-R MCC-2SA1585S-R Datasheet
55Kb / 1P
PNP Plastic-Encapsulate Transistors
More results

Similar Description - 2SA1585S-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BM MCC-BC856BM Datasheet
523Kb / 4P
PNP Plastic-Encapsulate Transistors
BCP69-16 MCC-BCP69-16 Datasheet
460Kb / 3P
PNP Plastic-Encapsulate Transistors
MC818B MCC-MC818B Datasheet
514Kb / 4P
PNP Plastic-Encapsulate Transistors
2SB1132-P MCC-2SB1132-P_17 Datasheet
542Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com