Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTH10 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMBTH10
Description  NPN VHF/UHF Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMBTH10 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMBTH10 Datasheet HTML 1Page - Micro Commercial Components MMBTH10 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBTH10
NPN VHF/UHF
Transistors
Features
Maximum Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
25
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current-Continuous
(1)
50
mA
PC
Power dissipation
(2)
225
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
25
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
30
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10uAdc, IC=0)
3.0
---
Vdc
ICBO
Collector-Base Cutoff Current
(VCB=25Vdc,IE=0)
---
100
nAdc
IEBO
Emitter-Base Cutoff Current
(VEB=2.0Vdc, IC=0)
---
100
nAdc
ON CHARACTERISTICS
hFE
DC Current Gain
(IC=4.0mAdc, VCE=10Vdc)
60
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=4.0mAdc, IB=400uAdc)
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=4.0mAdc,VCE=10Vdc)
---
0.95
Vdc
SMALL SIGNAL CHARACTERISTICS
fT
Current-Gain-Bandwidth Product
(VCE=10V, f=100MHz, IC=4.0mA )
650
---
MHz
CCB
Collector-Base Capacitance
(VCB=10V, f=1.0MHz, IE=0)
---
0.7
pF
CRB
Collector-Base Feedback Capacitance
(VCB=10V, f=1.0MHz, IE=0)
---
0.65
pF
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width<300us, duty cycle<2%
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.
104f
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
Revision:
B
20
13/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 2
•
Designed for VHF/UHF Amplifier applications and high output VHF
Oscillators
•
High current gain bandwidth product
•
Marking Code: 3EM
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
SOT-23
Suggested Solder
Pad Layout
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10 Datasheet
224Kb / 5P
NPN Silicon VHF/UHF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10 Datasheet
196Kb / 5P
RF TRANSISTOR
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
502Kb / 14P
NPN RF Transistor
More results

Similar Description - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSH10 MOTOROLA-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10 Datasheet
78Kb / 4P
VHF/UHF Transistors(NPN Silicon)
1996
logo
Zetex Semiconductors
ZUMTQ31A ZETEX-ZUMTQ31A Datasheet
19Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTORS
logo
Leshan Radio Company
MMBTH10LT1 LRC-MMBTH10LT1 Datasheet
138Kb / 4P
VHF/UHF Transistors(NPN Silicon)
logo
ON Semiconductor
MPSH10 ONSEMI-MPSH10_07 Datasheet
82Kb / 3P
VHF/UHF Transistors NPN Silicon
February, 2007 ??Rev. 3
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G Datasheet
176Kb / 5P
VHF/UHF Transistors
logo
Micro Commercial Compon...
MMBTH10 MCC-MMBTH10 Datasheet
179Kb / 2P
NPN VHF/UHF Transistors
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
NPN UHF/VHF POWER TRANSISTORS
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
logo
Yea Shin Technology Co....
MMBTH10Q YEASHIN-MMBTH10Q Datasheet
761Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com