Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDT4413 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMDT4413
Description  NPN/PNP Plastic-Encapsulate Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMDT4413 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMDT4413 Datasheet HTML 1Page - Micro Commercial Components MMDT4413 Datasheet HTML 2Page - Micro Commercial Components MMDT4413 Datasheet HTML 3Page - Micro Commercial Components MMDT4413 Datasheet HTML 4Page - Micro Commercial Components MMDT4413 Datasheet HTML 5Page - Micro Commercial Components MMDT4413 Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMDT4413
NPN/PNP
Plastic-Encapsulate
Transistors
Features
Maximum Ratings @ 25OC Unless Otherwise Specified
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
60
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
0.6
A
PC
Collector Dissipation
0.2
W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
NPN 4401 Section
Parameter
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1mAdc, IB=0)
40
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
60
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=100uAdc, IC=0)
6
---
Vdc
ICBO
Collector Cutoff Current
(VCB=50Vdc,IE=0)
---
0.1
uAdc
IEBO
Emitter Cutoff Current
(VEB=-5Vdc,IC=0)
---
0.1
uAdc
hFE
DC Current Gain
(IC=0.1mAdc, VCE=1Vdc)
(IC=1mAdc, VCE=1Vdc)
(IC=10mAdc, VCE=1Vdc)
(IC=150mAdc, VCE=1Vdc)
(IC=500mAdc, VCE=2Vdc)
20
40
80
100
40
---
---
----
300
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
---
---
0.75
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=150mAdc, IB=15mAdc)
(IC=500mAdc, IB=50mAdc)
0.75
---
1.2
Vdc
fT
Current Gain-Bandwidth Product
(VCE=10.0Vdc, IC=20mAdc, f=100MHz)
250
---
MHz
Cob
Output Capacitance
(VCB=5Vdc, f=1.0MHz, IE=0)
td
Delay Time
---
15
ns
tr
Rise Time
VCC=30V,IC=150mA,
VBE=2.0V, IB1=15.00mA
tS
Storage Time
---
225
ns
tf
Fall Time
VCC=30V, IC=150mA,
IB1=-IB2=15mA
---
30
ns
J
M
A
C
B
G
H
K
D
Revision: C
2013/05/28
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
·
Epitaxial Planar Die Construction
·
One 4401-Type NPN ,One 4403-Type PNP
Marking:K13
www.mccsemi.com
1 of 6
SOT-363
NPN 4401 Section
RthJA
Thermal Resistance Junction to Ambient Air
625
W
0.4
0.95
20
ns
Symbol
Symbol
6.5
---
pF
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.00
6
.01
4
0.1
5
0.3
5
B
.045
.053
1.15
1.35
C
.0
85
.0
96
2.
15
2.
45
D
.026
0.65Nominal
G
.0
47
.0
55
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.0
43
0.90
1.
10
L
.010
.01
8
0.2
6
0.4
6
M
.00
3
.0
06
0.
08
0.
15
D
IMENSIONS
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
INCHES
L
Halogen free available upon request by adding suffix "-HF"
•
C
2
B
1
E
1
E2
B2
C1


Similar Part No. - MMDT4413

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4413 DIODES-MMDT4413 Datasheet
59Kb / 4P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30121 Rev. 3P-1
MMDT4413 DIODES-MMDT4413 Datasheet
516Kb / 5P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30121 Rev. 8 - 2
MMDT4413 DIODES-MMDT4413 Datasheet
244Kb / 6P
COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 10 - 2
logo
Pan Jit International I...
MMDT4413 PANJIT-MMDT4413 Datasheet
227Kb / 9P
COMPLEMENTARY NPN/PNP SMALL SIGNAL SURGACE MOUNT TRANSISTOR
More results

Similar Description - MMDT4413

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT4413 MCC-MMDT4413 Datasheet
385Kb / 6P
NPN/PNP Plastic-Encapsulate Transistors
MMDT5451 MCC-MMDT5451 Datasheet
392Kb / 3P
NPN/PNP Plastic-Encapsulate Transistors
MMDT5451 MCC-MMDT5451_13 Datasheet
446Kb / 3P
NPN/PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT3946 TECHPUBLIC-MMDT3946 Datasheet
1Mb / 4P
NPNPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3946 TECHPUBLIC-TPMMDT3946 Datasheet
1Mb / 4P
NPNPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5451 TECHPUBLIC-TPMMDT5451 Datasheet
1Mb / 4P
NPNPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com