Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1202LSL Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1202LSL
Description  Dual USB High-Side Power Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1202LSL Datasheet(HTML) 5 Page - Anachip Corp

  AP1202LSL Datasheet HTML 1Page - Anachip Corp AP1202LSL Datasheet HTML 2Page - Anachip Corp AP1202LSL Datasheet HTML 3Page - Anachip Corp AP1202LSL Datasheet HTML 4Page - Anachip Corp AP1202LSL Datasheet HTML 5Page - Anachip Corp AP1202LSL Datasheet HTML 6Page - Anachip Corp AP1202LSL Datasheet HTML 7Page - Anachip Corp AP1202LSL Datasheet HTML 8Page - Anachip Corp AP1202LSL Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP1202
Dual USB High-Side Power Switch
Anachip Corp.
www.anachip.com.tw
Rev 0.4 Feb.10, 2004
5/11
Typical Performance Characteristics (Continued)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
-50
0
50
100
150
200
250
300
350
85
OC
25
OC
-40
OC
Off-Current vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
2040
6080
100
-50
0
50
100
150
200
250
300
350
V
SUPPLY=3.3V
V
SUPPLY=5V
Off-Current vs. Temperature
TEMPERATURE (
OC)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.0
1.2
1.4
1.6
1.8
2.0
V
EN FALLING
V
EN RISING
T=25
OC
Enable Threshold vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
20
40
60
80
100
1.0
1.2
1.4
1.6
1.8
2.0
V
IN=5V
V
EN FALLING
V
EN RISING
Enable Threshold vs. Temperature
TEMPERATURE (
OC)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.2
0.4
0.6
0.8
1.0
85
OC
25
OC
-40
OC
Short-Circuit Current-Limit vs. Supply Voltage
SUPPLY VOLTAGE (V)
-40
-20
0
20
406080
100
0.0
0.2
0.4
0.6
0.8
1.0
V
SUPPLY=3.3V
V
SUPPLY=5V
Short-Circuit Current-Limit vs. Temperature
TEMPERATURE (
OC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com