Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # MMST3906
Description  PNP Small Signal Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MMST3906 Datasheet(HTML) 1 Page - Micro Commercial Components

  MMST3906 Datasheet HTML 1Page - Micro Commercial Components MMST3906 Datasheet HTML 2Page - Micro Commercial Components MMST3906 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMST3906
PNP Small Signal
Transistors
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Type available (MMST3904)
•
Ultra-small surface mount package
•
Marking : K5N
Maxim um Ratings
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current-Continuous
(1)
200
mA
PC
Power dissipation
(1)
200
mW
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
(2)
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=1.0mAdc, IB=0)
40
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10uAdc, IE=0)
40
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10uAdc, IC=0)
5.0
---
Vdc
ICEX
Collector-Base Cutoff Current
(VCE=30Vdc, VEB(OFF)=3.0Vdc)
---
50
nAdc
IBL
Emitter-Base Cutoff Current
(VCE=30Vdc, VEB(OFF)=3.0Vdc)
---
50
nAdc
ON CHARACTERISTICS
(2)
hFE
DC Current Gain
(IC=100uAdc, VCE=1.0Vdc)
(IC=1.0mAdc, VCE=1.0Vdc)
(IC=10mAdc, VCE=1.0Vdc)
(IC=50mAdc, VCE=1.0Vdc)
(IC=500mAdc, VCE=1.0Vdc)
60
80
100
60
30
---
---
300
---
---
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
---
---
0.20
0.30
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=10mAdc, IB=1.0mAdc)
(IC=50mAdc, IB=5.0mAdc)
0.65
---
0.85
0.95
Vdc
Note: 1. Valid provided that terminals are kept at ambient temperature.
2. Pulse test: Pulse width<300us, duty cycle<2%
SOT-323
Suggested Solder
Pad Layout
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.071
.087
1.80
2.20
B
.045
.053
1.15
1.35
C
.083
.096
2.10
2.45
D
.026 Nominal
0.65Nominal
E
.047
.055
1.20
1.40
F
.012
.016
.30
.40
G
.000
.004
.000
.100
H
.035
.039
.90
1.00
J
.004
.010
.100
.250
K
.006
.016
.15
.40
A
C
B
D
E
F
G
H
J
1.90
0.70
0.90
0.65
0.65
DIMENSIONS
K
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
13/09/23
TM
Micro Commercial Components
E
B
C
www.mccsemi.com
1 of 3
mm
•
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisure Sensitivity Level 1
Halogen free available upon request by adding suffix "-HF"
•


Similar Part No. - MMST3906

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3906 TRSYS-MMST3906 Datasheet
200Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Rohm
MMST3906 ROHM-MMST3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Diodes Incorporated
MMST3906 DIODES-MMST3906 Datasheet
42Kb / 2P
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30079 Rev. 2P-1
MMST3906 DIODES-MMST3906 Datasheet
322Kb / 9P
150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
DS30749 Rev. 3 - 2
logo
Galaxy Semi-Conductor H...
MMST3906 BILIN-MMST3906 Datasheet
328Kb / 4P
PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - MMST3906

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC327 GE-BC327 Datasheet
243Kb / 5P
Small Signal Transistors (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com