Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS21H
Description  Single high-voltage switching diode in small SOD123F package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21H Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS21H Datasheet HTML 1Page - NXP Semiconductors BAS21H Datasheet HTML 2Page - NXP Semiconductors BAS21H Datasheet HTML 3Page - NXP Semiconductors BAS21H Datasheet HTML 4Page - NXP Semiconductors BAS21H Datasheet HTML 5Page - NXP Semiconductors BAS21H Datasheet HTML 6Page - NXP Semiconductors BAS21H Datasheet HTML 7Page - NXP Semiconductors BAS21H Datasheet HTML 8Page - NXP Semiconductors BAS21H Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
9397 750 14879
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 11 April 2005
2 of 9
Philips Semiconductors
BAS21H
Single high-voltage switching diode in small SOD123F package
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
Table 2:
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3:
Ordering information
Type number
Package
Name
Description
Version
BAS21H
-
plastic surface mounted package; 2 leads
SOD123F
Table 4:
Marking codes
Type number
Marking code
BAS21H
B2
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VRRM
repetitive peak reverse
voltage
-
250
V
VR
reverse voltage
-
200
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
-
625
mA
IFSM
non-repetitive peak forward
current
tp = 1 µs-
9
A
tp = 1 ms
-
3
A
tp = 1 s
-
1.7
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
375
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com