Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS240 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BAS240
Description  Schottky barrier diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS240 Datasheet(HTML) 2 Page - NXP Semiconductors

  BAS240 Datasheet HTML 1Page - NXP Semiconductors BAS240 Datasheet HTML 2Page - NXP Semiconductors BAS240 Datasheet HTML 3Page - NXP Semiconductors BAS240 Datasheet HTML 4Page - NXP Semiconductors BAS240 Datasheet HTML 5Page - NXP Semiconductors BAS240 Datasheet HTML 6Page - NXP Semiconductors BAS240 Datasheet HTML 7Page - NXP Semiconductors BAS240 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2001 Feb 05
2
Philips Semiconductors
Product specification
Schottky barrier diode
BAS240
FEATURES
• Low forward voltage
• Guard ring protected
• Very small ceramic SMD package
• Low diode capacitance.
APPLICATIONS
• Ultra high-speed switching
• Voltage clamping
• Protection circuit
• Blocking diodes.
DESCRIPTION
Planar Schottky barrier diode with an integrated guard ring for stress protection.
handbook, 4 columns
MAM214
ka
cathode mark
top view
side view
bottom view
ak
Fig.1 Simplified outline (SOD110) and symbol.
Marking: A1.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VR
continuous reverse voltage
40
V
IF
continuous forward current
120
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
120
mA
IFSM
non-repetitive peak forward current
tp <10ms
200
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com