Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5323 Datasheet(PDF) 13 Page - ON Semiconductor

Part # CS5323
Description  Three-Phase Buck Controller with 5-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5323 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button CS5323 Datasheet HTML 8Page - ON Semiconductor CS5323 Datasheet HTML 9Page - ON Semiconductor CS5323 Datasheet HTML 10Page - ON Semiconductor CS5323 Datasheet HTML 11Page - ON Semiconductor CS5323 Datasheet HTML 12Page - ON Semiconductor CS5323 Datasheet HTML 13Page - ON Semiconductor CS5323 Datasheet HTML 14Page - ON Semiconductor CS5323 Datasheet HTML 15Page - ON Semiconductor CS5323 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
CS5323
http://onsemi.com
13
threshold is needed, a circuit like the one in Figure 11 will
lock out the converter until the 12 V supply reaches about
7.0 V.
Figure 11. External UVLO Circuit
COMP
100 k
100 k
50 k
+5 V
+12 V
Remote Sense
In some applications that require remote output voltage
sensing, there are conditions when the path of the feedback
signal can be broken. In a voltage regulator module (VRM)
the remote voltage feedback sense point is typically off the
module. If the module is powered apart from the intended
application, the feedback will be left open. On a
motherboard, the feedback path might be broken when the
processor socket is left open. Without the feedback
connection the output voltage is likely to exceed the
intended voltage. To protect the circuit from overvoltage
conditions, a resistor can be connected between the local
output voltage and the remote sense line as shown in Figure
12.
Figure 12. Remote Sense Connection
Local VOUT
100
Ω
Remote VOUT
CSREF Network
VFB Network
Layout Guidelines
With the fast rise, high output currents of microprocessor
applications parasitic inductance and resistance should be
considered when laying out the power, filter and feedback
signal sections of the board. Typically a multi–layer board
with at least one ground plane is recommended. If the layout
is such that high currents can exist in the ground plane
underneath the controller or control circuitry, the ground
plane can be slotted to reroute the currents away from the
controller. The slots should typically not be placed between
the controller and the output voltage or in the return path of
the gate drive. Additional power and ground planes or
islands can be added as required for a particular layout.
Output filter components should be placed on wide planes
connected directly to the load to minimize resistive drops
during heavy loads and inductive drops and ringing during
transients. If required, the planes for the output voltage and
return can be interleaved to minimize inductance between
the filter and load.
Voltage feedback should be taken from a point of the
output or the output filter that doesn’t favor any one phase.
If the feedback connection is closer to one inductor than the
others the ripple associated with that phase may appear
larger than the ripple associated with the other phases and
poor current sharing can result.
The current sense signal is typically tens of milli–volts.
Noise pick–up should be avoided wherever possible.
Current feedback traces should be routed away from noisy
areas such as switch nodes and gate drive signals. The paths
should be matched as well as possible. It is especially
important that all current sense signals be picked off at
similar points for accurate current sharing. If the current
signal is taken from a place other than directly at the inductor
any additional resistance between the pick–off point and the
inductor appears as part of the inherent inductor resistance
and should be considered in design calculations. Capacitors
for the current feedback networks should be placed as close
to the current sense pins as practical.
DESIGN PROCEDURE
Current Sensing, Power Stage and
Output Filter Components
1. Choose the output filter components to meet peak
transient requirements. The formula below can be
used to provide an approximate starting point for
capacitor choice, but will be inadequate to calculate
actual values.
DVPEAK + (DI DT)
ESL
) DI
ESR
Ideally the output filter should be simulated with
models including ESR, ESL, circuit board parasitics
and delays due to switching frequency and converter
response.
Typically
both
bulk
capacitance
(electrolytic, Oscon, etc,) and low impedance
capacitance (ceramic chip) will be required. The bulk
capacitance provides “hold up” during the converter
response. The low impedance capacitance reduces
steady state ripple and bypasses the bulk capacitance
during slewing of output current.
2. For inductive current sensing (only) choose the
current sense network RC to provide a 25 mV
minimum ramp during steady state operation.
R
+ (VIN * VOUT)
VOUT VIN
F
C
25 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com