Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPL Datasheet(PDF) 1 Page - Yellow Stone Corp

Part # MPL
Description  ELECTRIC DOUBLE LAYER CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YSTONE [Yellow Stone Corp]
Direct Link  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

MPL Datasheet(HTML) 1 Page - Yellow Stone Corp

  MPL Datasheet HTML 1Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
39
NOTE
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
ELECTRIC DOUBLE LAYER CAPACITORS “ULTRACAP”
MPL
Features
 Passive Balanced Cells
 Higher Voltage Rating
 RoHS compliant
 UL recognized
Recommended Applications
 Hybrid battery packs
 Stereo and Audio System
 Battery Alternatives
 Renewable Energy Systems
■ SPECIFICATIONS
Item
Characteristics
Rated Voltage
5.4V
Surge Voltage
5.7V
Capacitance Tolerance
20%
Operating Temperature
40℃ ~ +65℃
Storage Temperature
40℃ ~ +70℃
C
Within
30% of initial measured value
Endurance
1000 hours @65℃ at Rated Voltage
ESR
Within 2 times of initial specified value
C
Within
30% of initial measured value
Life time
10y @25℃ at Rated Voltage
ESR
Within 2 times of initial specified value
C
Within
30% of initial measured value
500k cycles
ESR
Within 2 times of initial specified value
Cycle Life
Cycle: between specified voltage and half voltage under constant current at 25℃
■ OUTLINE DRAWING
Unit:mm
■ STANDARD RATINGS
Rated
Cap (F)
Size
(mm)
Internal Resistance
(m
)
LC
(mA)
Stored
Energy
Specific
Energy
Specific
Power
Max.
Current
Isc
measure
at 25℃
DL
AC
(1kHz)
DC
72hrs
25℃
(Wh)
(Wh/kg)
(Wh/I)
Pd
(W/kg)
Pmax
(W/kg)
1s to
1/2V (A)
(A)
Weight
(g)
0.25
9
1716
1400
3700
0.06
0.0010
0.4050
0.8397
378
2083
0.35
1.46
2.5
0.5
9
1716
630
1400
0.09
0.0020
0.8100
1.6794
1000
4629
0.79
3.86
2.5
0.75
9
1718
380
860
0.095
0.0030
1.0125
2.1593
1356
6395
2.20
6.28
3
1
9
1720
380
760
0.1
0.0041
1.1571
2.5192
1315
5481
1.53
7.11
3.5
1.5
11
2124
300
580
0.15
0.0061
1.3500
1.9347
1341
5400
2.17
9.31
4.5
2
11
2124
300
500
0.16
0.0081
1.6875
2.5796
1458
5063
2.70
10.80
4.8
2.5
11
2124
200
340
0.27
0.0101
2.0250
3.2245
2058
7290
3.65
15.88
5
3
11
2124
140
260
0.28
0.0122
2.2091
3.8694
2447
9468
4.55
20.77
5.5
4
11
2129
120
200
0.28
0.0162
2.3143
4.1274
2499
8679
6.00
27.00
7
5
11
2134
120
170
0.42
0.0203
2.7000
4.2994
2744
8100
7.30
31.76
7.5
Size
A
B
C
d
F
9
1716
9
17
16
0.6
12
9
1718
9
17
18
0.6
12
9
1720
9
17
20
0.6
12
11
2124
11
21
24
0.6
15.8
11
2129
11
21
29
0.6
15.8
11
2134
11
21
34
0.6
15.8
0
0
0000000000000000000000000000000000000000000000000000000
00000000000000
0
0
0
0


Similar Part No. - MPL

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-01S-05E MPD-MPL-01S-05E Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01S-05EUP MPD-MPL-01S-05EUP Datasheet
1Mb / 4P
1W Output Power
MPL-01S-09E MPD-MPL-01S-09E Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
MPL-01S-09EUP MPD-MPL-01S-09EUP Datasheet
1Mb / 4P
1W Output Power
MPL-01S-12E MPD-MPL-01S-12E Datasheet
394Kb / 2P
Single Output, 1W Ultra-Miniature SIP AC/DC Power Supplies
More results

Similar Description - MPL

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
Electric Double Layer Capacitors
logo
RUBYCON CORPORATION
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB50M18X40 RUBYCON-2.5DMB50M18X40 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com