Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C3244 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE3C3244
Description  N Female to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3244 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE3C3244 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3244 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3244 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3244 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C3244 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
How to Order
Part Number Configuration:
PE3C3244
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3244-12 = 12 inches long cable
PE3C3244-100cm = 100 cm long cable
N Female to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Female to TNC Male Low Loss Test Cable Using PE-P300LL Coax, RoHS PE3C3244
URL: https://www.pasternack.com/n-female-tnc-male-pe-p300ll-cable-assembly-pe3c3244-p.aspx
PE3C3244 REV 1.0
RF Cable Assemblies Technical Data Sheet
N Female to TNC Male Low Loss Test Cable
Using PE-P300LL Coax, RoHS
PE3C3244



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com