Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS87C520 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS87C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87C520 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS87C520 Datasheet HTML 9Page - Dallas Semiconductor DS87C520 Datasheet HTML 10Page - Dallas Semiconductor DS87C520 Datasheet HTML 11Page - Dallas Semiconductor DS87C520 Datasheet HTML 12Page - Dallas Semiconductor DS87C520 Datasheet HTML 13Page - Dallas Semiconductor DS87C520 Datasheet HTML 14Page - Dallas Semiconductor DS87C520 Datasheet HTML 15Page - Dallas Semiconductor DS87C520 Datasheet HTML 16Page - Dallas Semiconductor DS87C520 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
13 of 44
POWER MANAGEMENT
Along with the standard Idle and power down (Stop) modes of the standard 80C52, the
DS87C520/DS83C520 provide a new Power Management Mode. This mode allows the processor to
continue functioning, yet to save power compared with full operation. The DS87C520/DS83C520 also
feature several enhancements to Stop mode that make it more useful.
POWER MANAGEMENT MODE (PMM)
Power Management Mode offers a complete scheme of reduced internal clock speeds that allow the CPU
to run software but to use substantially less power. During default operation, the DS87C520/DS83C520
use four clocks per machine cycle. Thus the instruction cycle rate is Clock/4. At 33MHz crystal speed,
the instruction cycle speed is 8.25MHz (33/4). In PMM, the microcontroller continues to operate but uses
an internally divided version of the clock source. This creates a lower power state without external
components. It offers a choice of two reduced instruction cycle speeds (and two clock sources - discussed
below). The speeds are (Clock/64) and (Clock/1024).
Software is the only mechanism to invoke the PMM. Table 4 illustrates the instruction cycle rate in PMM
for several common crystal frequencies. Since power consumption is a direct function of operating speed,
PMM 1 eliminates most of the power consumption while still allowing a reasonable speed of processing.
PMM 2 runs very slow and provides the lowest power consumption without stopping the CPU. This is
illustrated in Table 5.
Note that PMM provides a lower power condition than Idle mode. This is because in Idle mode, all
clocked functions such as timers run at a rate of crystal divided by 4. Since wake-up from PMM is as fast
as or faster than from Idle, and PMM allows the CPU to operate (even if doing NOPs), there is little
reason to use Idle mode in new designs.
Table 4. Machine Cycle Rate
CRYSTAL SPEED
(MHz)
FULL OPERATION
(4 CLOCKS)
(MHz)
PMM1
(64 CLOCKS)
(kHz)
PMM2
(1024 CLOCKS)
(kHz)
11.0592
2.765
172.8
10.8
16
4.00
250.0
15.6
25
6.25
390.6
24.4
33
8.25
515.6
32.2
Table 5. Typical Operating Current in PMM
CRYSTAL SPEED
(MHz)
FULL OPERATION
(4 CLOCKS)
(mA)
PMM1
(64 CLOCKS)
(mA)
PMM2
(1024 CLOCKS)
(mA)
11.0592
13.1
5.3
4.8
16
17.2
6.4
5.6
25
25.7
8.1
7.0
33
32.8
9.8
8.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com