Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS83C520 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS83C520
Description  EPROM/ROM High-Speed Microcontrollers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C520 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS83C520 Datasheet HTML 1Page - Dallas Semiconductor DS83C520 Datasheet HTML 2Page - Dallas Semiconductor DS83C520 Datasheet HTML 3Page - Dallas Semiconductor DS83C520 Datasheet HTML 4Page - Dallas Semiconductor DS83C520 Datasheet HTML 5Page - Dallas Semiconductor DS83C520 Datasheet HTML 6Page - Dallas Semiconductor DS83C520 Datasheet HTML 7Page - Dallas Semiconductor DS83C520 Datasheet HTML 8Page - Dallas Semiconductor DS83C520 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
DS87C520/DS83C520 EPROM/ROM High-Speed Microcontrollers
2 of 44
ORDERING INFORMATION
PART
TEMP RANGE
MAX. CLOCK
SPEED (MHz)
PIN-PACKAGE
DS87C520-MCL
0˚C to +70˚C
33
40 Plastic DIP
DS87C520-QCL
0˚C to +70˚C
33
44 PLCC
DS87C520-ECL
0˚C to +70˚C
33
44 TQFP
DS87C520-MNL
-40˚C to +85˚C
33
40 Plastic DIP
DS87C520-QNL
-40˚C to +85˚C
33
44 PLCC
DS87C520-ENL
-40˚C to +85˚C
33
44 TQFP
DS87C520-WCL
0˚C to +70˚C
33
40 Windowed CERDIP
DS83C520-MCL
0˚C to +70˚C
33
40 Plastic DIP
DS83C520-QCL
0˚C to +70˚C
33
44 PLCC
DS83C520-ECL
0˚C to +70˚C
33
44 TQFP
DS83C520-MNL
-40˚C to +85˚C
33
40 Plastic DIP
DS83C520-QNL
-40˚C to +85˚C
33
44 PLCC
DS83C520-ENL
-40˚C to +85˚C
33
44 TQFP
DESCRIPTION
The DS87C520/DS83C520 EPROM/ROM high-speed microcontrollers are fast 8051-compatible
microcontrollers. They feature a redesigned processor core without wasted clock and memory cycles. As
a result, the devices execute every 8051 instruction between 1.5 and 3 times faster than the original for
the same crystal speed. Typical applications will see a speed improvement of 2.5 times using the same
code and the same crystal. The DS87C520/DS83C520 offer a maximum crystal speed of 33MHz,
resulting in apparent execution speeds of 82.5MHz (approximately 2.5X).
The DS87C520/DS83C520 are pin compatible with all three packages of the standard 8051, and include
standard resources such as three timer/counters, serial port, and four 8-bit I/O ports. They feature 16kB of
EPROM or mask ROM with an extra 1kB of data RAM. Both OTP and windowed packages are
available.
Besides greater speed, the microcontroller includes a second full hardware serial port, seven additional
interrupts, programmable Watchdog Timer, Brownout Monitor, and Power-Fail Reset. The device also
provides dual data pointers (DPTRs) to speed block data memory moves. It also can adjust the speed of
MOVX data memory access from two to nine machine cycles for flexibility in selecting external memory
and peripherals.
A new Power Management Mode (PMM) is useful for portable applications. This feature allows software
to select a lower speed clock as the main time base. While normal operation has a machine cycle rate of 4
clocks per cycle, the PMM runs the processor at 64 or 1024 clocks per cycle. For example, at 12MHz,
standard operation has a machine cycle rate of 3MHz. In Power Management Mode, software can select
either 187.5kHz or 11.7kHz machine cycle rate. There is a corresponding reduction in power
consumption when the processor runs slower.
The EMI reduction feature allows software to select a reduced emission mode. This disables the ALE
signal when it is unneeded.
The DS83C520 is a factory mask ROM version of the DS87C520 designed for high-volume, cost-
sensitive applications. It is identical in all respects to the DS87C520, except that the 16kB of EPROM is
replaced by a user-supplied application program. All references to features of the DS87C520 will apply to
the DS83C520, with the exception of EPROM-specific features where noted. Please contact your local
Dallas Semiconductor sales representative for ordering information.
The High-Speed Microcontroller User’s
Guide must be used in conjunction with
this data sheet. Download it at:
www.maxim-ic.com/microcontrollers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com