Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC237F Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC237F
Description  High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HC237F Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC237F Datasheet HTML 1Page - Texas Instruments CD54HC237F Datasheet HTML 2Page - Texas Instruments CD54HC237F Datasheet HTML 3Page - Texas Instruments CD54HC237F Datasheet HTML 4Page - Texas Instruments CD54HC237F Datasheet HTML 5Page - Texas Instruments CD54HC237F Datasheet HTML 6Page - Texas Instruments CD54HC237F Datasheet HTML 7Page - Texas Instruments CD54HC237F Datasheet HTML 8Page - Texas Instruments CD54HC237F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS146F
Features
• Select One of Eight Data Outputs
- Active Low for CD74HC137 and CD74HCT137
- Active High for ’HC237 and CD74HCT237
• l/O Port or Memory Selector
• Two Enable Inputs to Simplify Cascading
• Typical Propagation Delay of 13ns at VCC = 5V,
15pF, TA = 25
oC (CD74HC237)
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%, of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The
CD74HC137,
CD74HCT137,
’HC237,
and
CD74HCT237 are high speed silicon gate CMOS decoders
well suited to memory address decoding or data routing
applications. Both circuits feature low power consumption
usually associated with CMOS circuitry, yet have speeds
comparable to low power Schottky TTL logic.
Both circuits have three binary select inputs (A0, A1 and A2)
that can be latched by an active High Latch Enable (LE)
signal to isolate the outputs from select-input changes. A
“Low” LE makes the output transparent to the input and the
circuit functions as a one-of-eight decoder. Two Output
Enable inputs (OE1 and OE0) are provided to simplify
cascading
and
to
facilitate
demultiplexing.
The
demultiplexing function is accomplished by using the A0,A1,
A2 inputs to select the desired output and using one of the
other Output Enable inputs as the data input while holding
the other Output Enable input in its active state. In the
CD74HC137 and CD74HCT137 the selected output is a
“Low”; in the ’HC237 and CD74HCT237 the selected output is
a “High”.
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC237F3A
-55 to 125
16 Ld CERDIP
CD74HC137E
-55 to 125
16 Ld PDIP
CD74HC137PW
-55 to 125
16 Ld TSSOP
CD74HC137PWR
-55 to 125
16 Ld TSSOP
CD74HC137PWT
-55 to 125
16 Ld TSSOP
CD74HC237E
-55 to 125
16 Ld PDIP
CD74HC237M
-55 to 125
16 Ld SOIC
CD74HC237MT
-55 to 125
16 Ld SOIC
CD74HC237M96
-55 to 125
16 Ld SOIC
CD74HC237NSR
-55 to 125
16 Ld SOP
CD74HC237PW
-55 to 125
16 Ld TSSOP
CD74HC237PWR
-55 to 125
16 Ld TSSOP
CD74HC237PWT
-55 to 125
16 Ld TSSOP
CD74HCT137E
-55 to 125
16 Ld PDIP
CD74HCT137MT
-55 to 125
16 Ld SOIC
CD74HCT137M96
-55 to 125
16 Ld SOIC
CD74HCT237E
-55 to 125
16 Ld PDIP
NOTE: When ordering, use the entire part number. The suffixes 96
and R denote tape and reel. The suffix T denotes a small-quantity
reel of 250.
March 1998 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD74HC137, CD74HCT137,
CD54HC237, CD74HC237,
CD74HCT237
High-Speed CMOS Logic, 3- to 8-Line
Decoder/Demultiplexer with Address Latches
[ /Title
(CD74
HC137
,
CD74
HCT13
7,
CD74
HC237
,
CD74
HCT23
7)
/Sub-
ject
(High
Speed


Similar Part No. - CD54HC237F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC237F TI-CD54HC237F Datasheet
528Kb / 19P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD54HC237F TI-CD54HC237F Datasheet
65Kb / 9P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
CD54HC237F TI1-CD54HC237F Datasheet
1,001Kb / 21P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD54HC237F TI-CD54HC237F Datasheet
1Mb / 27P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
October 2003
CD54HC237F TI2-CD54HC237F Datasheet
1Mb / 28P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
Revised October 2003
More results

Similar Description - CD54HC237F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC137 TI-CD74HC137 Datasheet
65Kb / 10P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
logo
Fairchild Semiconductor
DM74ALS137 FAIRCHILD-DM74ALS137 Datasheet
57Kb / 6P
3 to 8 Line Decoder/Demultiplexer with Address Latches
logo
Texas Instruments
CD74HC137 TI-CD74HC137_07 Datasheet
528Kb / 19P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_08 Datasheet
668Kb / 20P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
CD74HC137 TI-CD74HC137_02 Datasheet
65Kb / 9P
High Speed CMOS Logic, 3-to-8 Line Decoder Demultiplexer with Address Latches
logo
NXP Semiconductors
74HC237 NXP-74HC237_10 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 NXP-74HC237_11 Datasheet
150Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 4-10 January 2011
74HC237 PHILIPS-74HC237_15 Datasheet
227Kb / 17P
3-to-8 line decoder, demultiplexer with address latches
Rev. 6-23 August 2012
logo
Texas Instruments
CD74HC137 TI1-CD74HC137_15 Datasheet
1,001Kb / 21P
High-Speed CMOS Logic, 3- to 8-Line Decoder/Demultiplexer with Address Latches
logo
Nexperia B.V. All right...
74HC237 NEXPERIA-74HC237 Datasheet
276Kb / 16P
3-to-8 line decoder, demultiplexer with address latches
Rev. 8 - 26 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com